Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7953ACPZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 45Page - Analog Devices ADE7953ACPZ Datasheet HTML 46Page - Analog Devices ADE7953ACPZ Datasheet HTML 47Page - Analog Devices ADE7953ACPZ Datasheet HTML 48Page - Analog Devices ADE7953ACPZ Datasheet HTML 49Page - Analog Devices ADE7953ACPZ Datasheet HTML 50Page - Analog Devices ADE7953ACPZ Datasheet HTML 51Page - Analog Devices ADE7953ACPZ Datasheet HTML 52Page - Analog Devices ADE7953ACPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 49 of 68
ALTERNATIVE OUTPUT FUNCTIONS
The ADE7953 includes three output pins that are configured by
default to output power quality information.
Pin 1 (ZX) provides a voltage channel zero-crossing signal,
as described in the Voltage Channel Zero Crossing section.
Pin 21 (ZX_I) provides a current channel zero-crossing
signal, as described in the Current Channel Zero Crossing
section.
Pin 20 (REVP) provides polarity information, as described
in the
section.
Reverse Power
To provide flexibility and to accommodate a variety of design
requirements, the ADE7953 can be configured to output a
variety of alternative power quality signals on any of these
three outputs. Alternative functions are configured using the
ALT_OUTPUT register (Address 0x110).
Table 8 summarizes the functions that can be output on Pin 1,
Pin 21, and Pin 20. Note that the default functions of ZX, ZX_I,
and REVP can be configured to output on any one of Pin 1,
Pin 21, or Pin 20.
As described in Table 8, the description of each function can be
found in the corresponding section of this data sheet. If an alter-
native output function is enabled on Pin 1, Pin 21, or Pin 20, the
function can be configured and will be performed as described
in the corresponding section. The alternative function will, how-
ever, appear as an unlatched output on Pin 1, Pin 21, or Pin 20.
To enable an alternative function, the ZX_ALT, ZXI_ALT, and
REVP_ALT bits in the ALT_OUTPUT register must be set. The
interrupt enable associated with the alternative output does not
need to be enabled in order for it to be present on Pin 1, Pin 21,
or Pin 20. Enabling an alternative output does not affect the
primary function of the feature.
Table 8. Alternative Outputs
Function
See This Section
Zero-crossing detection
(voltage channel)
Voltage Channel Zero Crossing
Zero-crossing detection
(current channels)
Current Channel Zero Crossing
Reverse power indication
Reverse Power
Voltage sag detection
Voltage Sag Detection
Active energy no-load
detection (Current Channel A)
Active Energy No-Load
Detection
Active energy no-load
detection (Current Channel B)
Active Energy No-Load
Detection
Reactive energy no-load
detection (Current Channel A)
Reactive Energy No-Load
Detection
Reactive energy no-load
detection (Current Channel B)
Reactive Energy No-Load
Detection
Waveform sampling, data ready
Instantaneous Powers and
Waveform Sampling
Interrupt output (Current
Channel B)
Current Channel B Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com