Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7953ACPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7953ACPZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7953ACPZ Datasheet HTML 14Page - Analog Devices ADE7953ACPZ Datasheet HTML 15Page - Analog Devices ADE7953ACPZ Datasheet HTML 16Page - Analog Devices ADE7953ACPZ Datasheet HTML 17Page - Analog Devices ADE7953ACPZ Datasheet HTML 18Page - Analog Devices ADE7953ACPZ Datasheet HTML 19Page - Analog Devices ADE7953ACPZ Datasheet HTML 20Page - Analog Devices ADE7953ACPZ Datasheet HTML 21Page - Analog Devices ADE7953ACPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 18 of 68
ADE7953 POWER-UP PROCEDURE
The ADE7953 contains an on-chip power supply monitor that
supervises the power supply (VDD). While the voltage applied
to the VDD pin is below 2 V ± 10%, the chip is in an inactive
state. Once VDD crosses the 2 V ± 10% threshold, the power
supply monitor keeps the ADE7953 in an inactive state for an
additional 26 ms. This time delay allows VDD to reach the
minimum specified operating voltage of 3.3 V – 10%. Once
the minimum specified operating voltage is met, the internal
circuitry is enabled; this is accomplished in approximately
40 ms.
Once the start-up sequence is complete and the ADE7953 is
ready to receive communication from a microcontroller, the
reset flag is set in the IRQSTATA register (Address 0x22D and
Address 0x32D). An external interrupt is triggered on the IRQ
pin. The reset interrupt is enabled by default and cannot be
disabled, hence an external interrupt always occurs at the end
of a power-up procedure, hardware or software reset.
It is highly recommended that the reset interrupt is used by the
microcontroller to gate the first communication with the
ADE7953. If the interrupt is not used, a timeout can be
implemented; however, as the start-up sequence can vary part-
to-part and over temperature, a timeout of a least 100 ms is
recommended. The reset interrupt provides the most efficient
way of monitoring the completion of the ADE7953 start-up
sequence.
Once the start-up sequence is complete, communication with
the ADE7953 can begin. See the Communicating with the
ADE7953 section for further details.
REQUIRED REGISTER SETTING
For optimum performance, Register Address 0x120 must be
configured by the user after powering up the ADE7953. This
register ensures that the optimum timing configuration is
selected to maximize the accuracy and dynamic range. This
register is not set by default and thus must be written by the
user each time the ADE7953 is powered up. Register 0x120 is
a protected register and thus a key must be written to allow the
register to be modified. The following sequence should be
followed:
Write 0xAD to Register Address 0xFE:
This unlocks
the register 0x120
Write 0x30 to Register Address 0x120: This configures the
optimum settings
The above two instructions must be performed in succession to
be successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com