Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302-I/ML Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC24F32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302-I/ML Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC24F32KA302-I/ML Datasheet HTML 113Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 114Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 115Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 116Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 117Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 118Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 119Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 120Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 117
PIC24FV32KA304 FAMILY
9.3
Control Registers
The operation of the oscillator is controlled by three
Special Function Registers (SFRs):
• OSCCON
•CLKDIV
•OSCTUN
The OSCCON register (Register 9-1) is the main
control register for the oscillator. It controls clock
source switching and allows the monitoring of clock
sources.
The Clock Divider register (Register 9-2) controls the
features associated with Doze mode, as well as the
postscaler for the FRC oscillator.
The FRC Oscillator Tune register (Register 9-3) allows
the user to fine tune the FRC oscillator over a range of
approximately ±5.25%. Each bit increment or decre-
ment changes the factory calibrated frequency of the
FRC oscillator by a fixed amount.
REGISTER 9-1:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
R-0, HSC
R-0, HSC
R-0, HSC
U-0
R/W-x(1)
R/W-x(1)
R/W-x(1)
—
COSC2
COSC1
COSC0
—
NOSC2
NOSC1
NOSC0
bit 15
bit 8
R/SO-0, HSC
U-0
R-0, HSC(2)
U-0
R/CO-0, HS
R/W-0(3)
R/W-0
R/W-0
CLKLOCK
—LOCK
—
CF
SOSCDRV
SOSCEN
OSWEN
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
HS = Hardware Settable bit
CO = Clearable Only bit
SO = Settable Only bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
COSC<2:0>: Current Oscillator Selection bits
111 = 8 MHz Fast RC Oscillator with Postscaler (FRCDIV)
110 = 500 kHz Low-Power Fast RC Oscillator (FRC) with Postscaler (LPFRCDIV)
101 = Low-Power RC Oscillator (LPRC)
100 = Secondary Oscillator (SOSC)
011 = Primary Oscillator with PLL module (XTPLL, HSPLL, ECPLL)
010 = Primary Oscillator (XT, HS, EC)
001 = 8 MHz FRC Oscillator with Postscaler and PLL module (FRCPLL)
000 = 8 MHz FRC Oscillator (FRC)
bit 11
Unimplemented: Read as ‘0’
bit 10-8
NOSC<2:0>: New Oscillator Selection bits(1)
111 = 8 MHz Fast RC Oscillator with Postscaler (FRCDIV)
110 = 500 kHz Low-Power Fast RC Oscillator (FRC) with Postscaler (LPFRCDIV)
101 = Low-Power RC Oscillator (LPRC)
100 = Secondary Oscillator (SOSC)
011 = Primary Oscillator with PLL module (XTPLL, HSPLL, ECPLL)
010 = Primary Oscillator (XT, HS, EC)
001 = 8 MHz FRC Oscillator with Postscaler and PLL module (FRCPLL)
000 = 8 MHz FRC Oscillator (FRC)
Note 1:
Reset values for these bits are determined by the FNOSCx Configuration bits.
2:
This bit also resets to ‘0’ during any valid clock switch or whenever a non-PLL Clock mode is selected.
3:
When SOSC is selected to run from a digital clock input, rather than an external crystal (SOSCSRC = 0),
this bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com