Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302-I/ML Datasheet(PDF) 160 Page - Microchip Technology

Part # PIC24F32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302-I/ML Datasheet(HTML) 160 Page - Microchip Technology

Back Button PIC24F32KA302-I/ML Datasheet HTML 156Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 157Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 158Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 159Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 160Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 161Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 162Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 163Page - Microchip Technology PIC24F32KA302-I/ML Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 160
 2011-2013 Microchip Technology Inc.
bit 4-0
SYNCSEL<4:0>: Trigger/Synchronization Source Selection bits
11111 = This output compare module(1)
11110 = Reserved
11101 = Reserved
11100 = CTMU(2)
11011 = A/D(2)
11010 = Comparator 3(2)
11001 = Comparator 2(2)
11000 = Comparator 1(2)
10111 = Input Capture 4(2)
10110 = Input Capture 3(2)
10101 = Input Capture 2(2)
10100 = Input Capture 1(2)
100xx = Reserved
01111 = Timer5
01110 = Timer4
01101 = Timer3
01100 = Timer2
01011 = Timer1
01010 = Input Capture 5(2)
01001 = Reserved
01000 = Reserved
00111 = Reserved
00110 = Reserved
00101 = Output Compare 5(1)
00100 = Output Compare 4(1)
00011 = Output Compare 3(1)
00010 = Output Compare 2(1)
00001 = Output Compare 1(1)
00000 = Not synchronized to any other module
REGISTER 15-2:
OCxCON2: OUTPUT COMPARE x CONTROL REGISTER 2 (CONTINUED)
Note 1:
Do not use an output compare module as its own trigger source, either by selecting this mode or another
equivalent SYNCSELx setting.
2:
Use these inputs as trigger sources only and never as Sync sources.
3:
These bits affect the rising edge when OCINV = 1. The bits have no effect when the OCMx bits
(OCxCON1<2:0>) = 001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com