Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9735-EB Datasheet(PDF) 33 Page - Analog Devices

Part # AD9735-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735-EB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9735-EB Datasheet HTML 29Page - Analog Devices AD9735-EB Datasheet HTML 30Page - Analog Devices AD9735-EB Datasheet HTML 31Page - Analog Devices AD9735-EB Datasheet HTML 32Page - Analog Devices AD9735-EB Datasheet HTML 33Page - Analog Devices AD9735-EB Datasheet HTML 34Page - Analog Devices AD9735-EB Datasheet HTML 35Page - Analog Devices AD9735-EB Datasheet HTML 36Page - Analog Devices AD9735-EB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 33 of 72
ANALOG CONTROL (ANA_CNT) REGISTERS (REG. 14, REG. 15)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0E
ANA_CNT1
MSEL<1>
MSEL<0>
–
–
–
TRMBG<2>
TRMBG<1>
TRMBG<0>
0x0F
ANA_CNT2
HDRM<7>
HDRM<6>
HDRM<5>
HDRM<4>
HDRM<3>
HDRM<2>
HDRM<1>
HDRM<0>
Table 16. Analog Control Register Bit Descriptions
Bit Name
Read/Write
Description
MSEL<1:0>
WRITE
00, mirror roll off frequency control = bypass.
01, mirror roll off frequency control = narrowest bandwidth.
10, mirror roll off frequency control = medium bandwidth.
11
, mirror roll off frequency control = widest bandwidth.
NOTE: See the plot in the Analog Control Registers section.
TRMBG<2:0>
WRITE
000
, band gap temperature characteristic trim.
NOTE: See the plot in the Analog Control Registers section.
HDRM<7:0>
WRITE
0xCA, output stack headroom control.
HDRM<7:4> set reference offset from AVDD33 (VCAS centering).
HDRM<3:0> set overdrive (current density) trim (temperature tracking).
Note: Set to 0xCA for optimum performance.
BUILT-IN SELF TEST CONTROL (BIST_CNT) REGISTERS (REG. 17, REG. 18, REG. 19, REG. 20, REG. 21)
ADDR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x11
BIST_CNT
SEL<1>
SEL<0>
SIG_READ
–
–
LVDS_EN
SYNC_EN
CLEAR
0x12
BIST<7:0>
BIST<7>
BIST<6>
BIST<5>
BIST<4>
BIST<3>
BIST<2>
BIST<1>
BIST<0>
0x13
BIST<15:8>
BIST<15>
BIST<14>
BIST<13>
BIST<12>
BIST<11>
BIST<10>
BIST<9>
BIST<8>
0x14
BIST<23:16>
BIST<23>
BIST<22>
BIST<21>
BIST<20>
BIST<19>
BIST<18>
BIST<17>
BIST<16>
0x15
BIST<31:24>
BIST<31>
BIST<30>
BIST<29>
BIST<28>
BIST<27>
BIST<26>
BIST<25>
BIST<24>
Table 17. BIST Control Register Bit Descriptions
Bit Name
Read/Write
Description
SEL<1:0>
WRITE
00, write result of the LVDS Phase 1 BIST to BIST<31:0>.
01, write result of the LVDS Phase 2 BIST to BIST<31:0>.
10, write result of the SYNC Phase 1 BIST to BIST<31:0>.
11, write result of the SYNC Phase 2 BIST to BIST<31:0>.
SIG_READ
WRITE
0, no action.
1, enable BIST signature readback.
LVDS_EN
WRITE
0, no action.
1, enable LVDS BIST.
SYNC_EN
WRITE
0, no action.
1, enable SYNC BIST.
CLEAR
WRITE
0, no action.
1, clear all BIST registers.
BIST<31:0>
READ
Results of the built-in self test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com