Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9735-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9735-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9735-EB Datasheet HTML 11Page - Analog Devices AD9735-EB Datasheet HTML 12Page - Analog Devices AD9735-EB Datasheet HTML 13Page - Analog Devices AD9735-EB Datasheet HTML 14Page - Analog Devices AD9735-EB Datasheet HTML 15Page - Analog Devices AD9735-EB Datasheet HTML 16Page - Analog Devices AD9735-EB Datasheet HTML 17Page - Analog Devices AD9735-EB Datasheet HTML 18Page - Analog Devices AD9735-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 15 of 72
Pin No.
Mnemonic
Description
K13, K14
DB<9>−/DB<9>+
Negative/Positive Data Input Bit 9 (MSB). Conforms to IEEE-1596
reduced range link.
L1
PIN_MODE
0 = SPI Mode. SPI is enabled.
1 = PIN Mode. SPI is disabled; direct pin control.
L7, L8, M7, M8, N7, N8, P7, P8
DVDD33
3.3 V Digital Supply.
L13, L14
DB<8>−/DB<8>+
Negative/Positive Data Input Bit 8. Conforms to IEEE-1596 reduced
range link.
M1, M2
NC
No Connect.
M13, M14
DB<7>−/DB<7>+
Negative/Positive Data Input Bit 7. Conforms to IEEE-1596 reduced
range link.
N1, P1
NC
No Connect.
N2, P2
NC
No Connect.
N3, P3
NC
No Connect.
N4, P4
DB<0>−/DB<0>+
Negative/Positive Data Input Bit 0 (LSB). Conforms to IEEE-1596
reduced range link.
N5, P5
DB<1>−/DB<1>+
Negative/Positive Data Input Bit 1. Conforms to IEEE-1596 reduced
range link.
N6, P6
DATACLK_OUT−/
DATACLK_OUT+
Negative/Positive Data Output Clock. Conforms to IEEE-1596
reduced range link.
N9, P9
DATACLK_IN−/
DATACLK_IN+
Negative/Positive Data Input Clock. Conforms to IEEE-1596 reduced
range link.
N10, P10
DB<2>−/DB<2>+
Negative/Positive Data Input Bit 2. Conforms to IEEE-1596 reduced
range link.
N11, P11
DB<3>−/DB<3>+
Negative/Positive Data Input Bit 3. Conforms to IEEE-1596 reduced
range link.
N12, P12
DB<4>−/DB<4>+
Negative/Positive Data Input Bit 4. Conforms to IEEE-1596 reduced
range link.
N13, P13
DB<5>−/DB<5>+
Negative/Positive Data Input Bit 5. Conforms to IEEE-1596 reduced
range link.
N14, P14
DB<6>−/DB<6>+
Negative/Positive Data Input Bit 6. Conforms to IEEE-1596 reduced
range link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com