Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9735-EB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9735-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735-EB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9735-EB Datasheet HTML 21Page - Analog Devices AD9735-EB Datasheet HTML 22Page - Analog Devices AD9735-EB Datasheet HTML 23Page - Analog Devices AD9735-EB Datasheet HTML 24Page - Analog Devices AD9735-EB Datasheet HTML 25Page - Analog Devices AD9735-EB Datasheet HTML 26Page - Analog Devices AD9735-EB Datasheet HTML 27Page - Analog Devices AD9735-EB Datasheet HTML 28Page - Analog Devices AD9735-EB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 25 of 72
fOUT (MHz)
100
010
95
90
85
80
75
70
65
60
55
IMD
SFDR
Figure 47. AD9736 Low Frequency IMD and SFDR vs. fOUT, 25°C, 1.2 GSPS
fOUT (MHz)
350
0
50
100
150
200
250
300
90
85
80
75
70
65
60
55
50
THIRD-ORDER IMD
SFDR
Figure 48. AD9736 IMD and SFDR vs. fOUT, 25°C, 1.2 GSPS, 2× Interpolation
fOUT (MHz)
600
0
100
200
300
400
500
80
75
70
65
60
55
50
45
40
0dBFS
–6dBFS
–12dBFS
Figure 49. AD9736 SFDR vs. fOUT over AOUT, 25°C, 1.2 GSPS
fOUT (MHz)
600
0
100
200
300
400
500
90
85
80
75
70
65
60
55
50
0dBFS
–6dBFS
–12dBFS
Figure 50. AD9736 IMD vs. fOUT over AOUT, 25°C, 1.2 GSPS
fOUT (MHz)
350
0
50
100
150
200
250
300
90
85
80
75
70
65
60
55
50
SFDR_1×
SFDR_2×
Figure 51. AD9736 SFDR vs. fOUT, 25°C, 1.2 GSPS, 1× and 2× Interpolation
fOUT (MHz)
350
0
50
100
150
200
250
300
90
85
80
75
70
65
60
55
50
THIRD-ORDER IMD_1×
THIRD-ORDER IMD_2×
Figure 52. AD9736 IMD vs. fOUT, 25°C, 1.2 GSPS, 1× and 2× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com