Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9735-EB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9735-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735-EB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9735-EB Datasheet HTML 7Page - Analog Devices AD9735-EB Datasheet HTML 8Page - Analog Devices AD9735-EB Datasheet HTML 9Page - Analog Devices AD9735-EB Datasheet HTML 10Page - Analog Devices AD9735-EB Datasheet HTML 11Page - Analog Devices AD9735-EB Datasheet HTML 12Page - Analog Devices AD9735-EB Datasheet HTML 13Page - Analog Devices AD9735-EB Datasheet HTML 14Page - Analog Devices AD9735-EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 11 of 72
Pin No.
Mnemonic
Description
K1, K2, K3, K4, K11, K12, L2, L3, L4, L5, L6,
L9, L10, L11, L12, M3, M4, M5, M6, M9,
M10, M11, M12
DVSS
Digital Supply Ground.
K13, K14
DB<13>−/DB<13>+
Negative/Positive Data Input Bit 13 (MSB). Conforms to IEEE-1596
reduced range link.
L1
PIN_MODE
0 = SPI Mode. SPI is enabled.
1 = PIN Mode. SPI is disabled; direct pin control.
L7, L8, M7, M8, N7, N8, P7, P8
DVDD33
3.3 V Digital Supply.
L13, L14
DB<12>−/DB<12>+
Negative/Positive Data Input Bit 12. Conforms to IEEE-1596 reduced
range link.
M2, M1
DB<0>−/DB<0>+
Negative/Positive Data Input Bit 0 (LSB). Conforms to IEEE-1596
reduced range link.
M13, M14
DB<11>−/DB<11>+
Negative/Positive Data Input Bit 11. Conforms to IEEE-1596 reduced
range link.
N1, P1
DB<1>−/DB<1>+
Negative/Positive Data Input Bit 1. Conforms to IEEE-1596 reduced
range link.
N2, P2
DB<2>−/DB<2>+
Negative/Positive Data Input Bit 2. Conforms to IEEE-1596 reduced
range link.
N3, P3
DB<3>−/DB<3>+
Negative/Positive Data Input Bit 3. Conforms to IEEE-1596 reduced
range link.
N4, P4
DB<4>−/DB<4>+
Negative/Positive Data Input Bit 4. Conforms to IEEE-1596 reduced
range link.
N5, P5
DB<5>−/DB<5>+
Negative/Positive Data Input Bit 5. Conforms to IEEE-1596 reduced
range link.
N6, P6
DATACLK_OUT−/
DATACLK_OUT+
Negative/Positive Data Output Clock. Conforms to IEEE-1596
reduced range link.
N9, P9
DATACLK_IN−/
DATACLK_IN+
Negative/Positive Data Input Clock. Conforms to IEEE-1596 reduced
range link.
N10, P10
DB<6>−/DB<6>+
Negative/Positive Data Input Bit 6. Conforms to IEEE-1596 reduced
range link.
N11, P11
DB<7>−/DB<7>+
Negative/Positive Data Input Bit 7. Conforms to IEEE-1596 reduced
range link.
N12, P12
DB<8>−/DB<8>+
Negative/Positive Data Input Bit 8. Conforms to IEEE-1596 reduced
range link.
N13, P13
DB<9>−/DB<9>+
Negative/Positive Data Input Bit 9. Conforms to IEEE-1596 reduced
range link.
N14, P14
DB<10>−/DB<10>+
Negative/Positive Data Input Bit 10. Conforms to IEEE-1596 reduced
range link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com