Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT360 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # RT360
Description  industrial circular connectors are multiway connector available in 6 shell sizes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RT360 Datasheet(HTML) 5 Page - Amphenol Corporation

  RT360 Datasheet HTML 1Page - Amphenol Corporation RT360 Datasheet HTML 2Page - Amphenol Corporation RT360 Datasheet HTML 3Page - Amphenol Corporation RT360 Datasheet HTML 4Page - Amphenol Corporation RT360 Datasheet HTML 5Page - Amphenol Corporation RT360 Datasheet HTML 6Page - Amphenol Corporation RT360 Datasheet HTML 7Page - Amphenol Corporation RT360 Datasheet HTML 8Page - Amphenol Corporation RT360 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2
www.sineco.com
RT/RTOW SERIES
SERIES
- RT
- RTOW
SHELL TYPE
- 0: Wall mount recep.
- 6: Cable plug
- 7: Jam nut recep. / rear panel mount
SHELL SIzE
- 10, 12, 14, 16, 18, 20
INSERT ARRANGEmENT
- See Page 7
TYPE Of CONTACTS
- P: Pin contacts
- S: Socket contacts
INSERT POLARIzATION (See Detail below)
- N: Standard version
- W, X, Y, Z: Custom orientation
APPLICATION
- Blank: Standard version (no o-ring)
- H: Standard version, water protection IP67
PLATING
- Blank: Standard is nickel plating (48hr salt spray)
- 1: Black anodized, jam nut (96hr salt spray)
- 2: Black anodized coupling ring (96hr salt spray)
DESIGN VARIATION
- EC: Standard version for 18-14AWG with end cap
- MM: Reduced seal for 24-20AWG with end cap
RTHP SERIES
SERIES
- RTHP
SHELL TYPE
- 0: Wall mount recep.
- 6: Cable plug
- 7: Jam nut recep. / rear panel mount
SHELL SIzE
- 12, 14, 16, 20
INSERT ARRANGEmENT
- See Page 7
TYPE Of CONTACTS
- P: Pin contacts
- S: Socket contacts
INSERT POLARIzATION
- N: Standard version
APPLICATION
- Blank: Standard version (no o-ring)
- H: Standard version, water protection IP67/69
PLATING
- Blank: Standard is nickel plating (48hr salt spray)
- 1: Black anodized, jam nut (96hr salt spray)
- 2: Black anodized coupling ring (96hr salt spray)
DESIGN VARIATION
- Blank: Standard version
- C: Crimp contact
- EC: Crimp contact with end cap
- FG: Crimp contct with flex grip
- H: Flat hole
- M: Screw tail
- S: Crimp contact with cord grip
SERIES
SHELL TYPE
SHELL SIzE
INSERT
ARRANGEmENT
TYPE Of
CONTACTS
INSERT
POLARIzATION
APPLICATION
PLATING
DESIGN VARIATION
*
*
*
*
*
*
*
*
*
Z°
W°
X°
Y°
N
Detail
Mating Face View of Pin Inserts
The five positions (W, X, Y, Z
and Normal) differ in degree
of rotation for various sizes and
arrangements.
Part Ordering Guide - RT/RTOW & RTHP Series Plugs & Receptacles
Note: Higher salt spray resistance (200/500h) upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com