Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT360 Datasheet(PDF) 17 Page - Amphenol Corporation

Part # RT360
Description  industrial circular connectors are multiway connector available in 6 shell sizes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RT360 Datasheet(HTML) 17 Page - Amphenol Corporation

Back Button RT360 Datasheet HTML 10Page - Amphenol Corporation RT360 Datasheet HTML 11Page - Amphenol Corporation RT360 Datasheet HTML 12Page - Amphenol Corporation RT360 Datasheet HTML 13Page - Amphenol Corporation RT360 Datasheet HTML 14Page - Amphenol Corporation RT360 Datasheet HTML 15Page - Amphenol Corporation RT360 Datasheet HTML 16Page - Amphenol Corporation RT360 Datasheet HTML 17Page - Amphenol Corporation RT360 Datasheet HTML 18Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
14
www.sineco.com
Amphenol P/N
16AWG
MFX-3957
20AWG
MFX-3964
2.5mm
MFX-3965
Amphenol P/N
MFX-3960
Amphenol P/N
ØA ±0.1
ØB ±0.01
C ±0.25
D ±0.25
E ±0.2
Shell 10
RTFD10B
3.30
15.90
18.30
23.80
0.80
Shell 12
RTFD12B
19.00
20.60
26.20
Shell 14
RTFD14B
22.20
23.00
28.60
Shell 16
RTFD16B
25.40
24.60
31.00
Shell 18
RTFD18B
28.60
27.00
33.30
Shell 20
RTFD20B
31.80
29.40
36.50
Gasket material is NBR. For other options, please consult factory.
D
C
E
A
B
Gaskets
Crimp Die
(Stamped and Formed Contacts)
Pneumatic Crimp Tool
(Machined Contacts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com