Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT360 Datasheet(PDF) 16 Page - Amphenol Corporation

Part # RT360
Description  industrial circular connectors are multiway connector available in 6 shell sizes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RT360 Datasheet(HTML) 16 Page - Amphenol Corporation

Back Button RT360 Datasheet HTML 10Page - Amphenol Corporation RT360 Datasheet HTML 11Page - Amphenol Corporation RT360 Datasheet HTML 12Page - Amphenol Corporation RT360 Datasheet HTML 13Page - Amphenol Corporation RT360 Datasheet HTML 14Page - Amphenol Corporation RT360 Datasheet HTML 15Page - Amphenol Corporation RT360 Datasheet HTML 16Page - Amphenol Corporation RT360 Datasheet HTML 17Page - Amphenol Corporation RT360 Datasheet HTML 18Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
13
www.sineco.com
Amphenol P/N
16AWG
QXRT16
20AWG
QXRT20
2.5mm
QXRT12S
Amphenol P/N
A max.
B
C max.
Shell 10
RT010DCG
21.80
42.00
30.20
Shell 12
RT012DCG
24.60
Shell 14
RT014DCG
27.80
Shell 16
RT016DCG
31.00
Shell 18
RT018DCG
35.30
Shell 20
RT020DCG
38.60
Amphenol P/N
mm
16AWG
CA-4016-59
1.50
20AWG
CA-4020-59
0.50
Amphenol P/N
16AWG
MFX-3954
20AWG
MFX-3958
2.5mm
MFX-3962
All dimensions are in mm.
B
C
A
Accessories & Tooling
Amphenol P/N
MFX-3959
Dust Caps
Sealing Plugs
Stamp Contact Tool
(Stamped and Formed Contacts)
Contact Extraction Tool
Universal Hand Crimp Tool
(Machined Contacts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com