Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT360 Datasheet(PDF) 9 Page - Amphenol Corporation

Part # RT360
Description  industrial circular connectors are multiway connector available in 6 shell sizes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RT360 Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button RT360 Datasheet HTML 5Page - Amphenol Corporation RT360 Datasheet HTML 6Page - Amphenol Corporation RT360 Datasheet HTML 7Page - Amphenol Corporation RT360 Datasheet HTML 8Page - Amphenol Corporation RT360 Datasheet HTML 9Page - Amphenol Corporation RT360 Datasheet HTML 10Page - Amphenol Corporation RT360 Datasheet HTML 11Page - Amphenol Corporation RT360 Datasheet HTML 12Page - Amphenol Corporation RT360 Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
6
www.sineco.com
Contact Size
Wire Range
Plating
Male P/N
Female P/N
Type
3.6mm
8-10mm
Silver
HP10ACS
HS10ACS
Crimp
HP10ASS
HS10ASS
Screwtail
HP10AHS
HS10AHS
Flathole Tail
6mm
20-25mm
Silver
HP25BCS
HS25BCS
Crimp
HP25BSS
HS25BSS
Screwtail
HP25BHS
HS25BHS
Flathole Tail
8mm
30-35mm
Silver
HP35CCS
HS35CCS
Crimp
HP35CSS
HS35CSS
Screwtail
HP35CHS
HS35CHS
Flathole Tail
10mm
40-50mm
Silver
HP50DCS
HS50DCS
Crimp
HP50DSS
HS50DSS
Screwtail
HP50DHS
HS50DHS
Flathole Tail
Consult Factory for additional Touch Proof options.
SERIES
WIRE SIzE
CONTACT SIzE
CONTACT PACKAGING
DESIGN VARIATION
PLATING
*
*
*
*
*
*
SERIES
- HP: Male; HS: Female
WIRE SIzE
- 10: 8-10mm2; 16: 13-16mm2; 25: 20-25mm2; 35: 30-35mm2; 50: 40-50mm2; 75: 70-75mm2
CONTACT SIzE
- A: 3.6mm; B: 6mm; C: 8mm; D: 10mm
CONTACT PACKAGING
- BP: Bulk Pack Only
DESIGN VARIATION
- C: Crimp Barrel; P: PCB Tail; S: Screw Tail; W: Soldier Tail; H: Flat Hole Tail
PLATING
- T: Tin; f: Gold Flash; G: Gold Plate [Thickness: 10u”]; G30: Gold Plate [Thickness: 30u”]; N: Nickel; S: Plating Silver (5um)
Flat Hole Tail
Crimp Barrel / Touch Proof
Screw Tail
Part Ordering Guide - RTHP Series machined Contacts
Typical Product Picture and Installation Dimension - RTHP Series
To be used within HV and EV when enduring large current and high voltage
Wall Mounting Receptacle for Crimp Barrel
Part Number: RTHP0121PNH-16C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com