Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VCT6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 106Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 107Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 108Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 109Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 110Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 111Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 112Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 113Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 132 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
110/132
DocID023353 Rev 6
Figure 33. Typical connection diagram using the ADC
1. Refer to Table 66 for the values of RAIN.
2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy
this, fADC should be reduced.
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 11. The 10 nF capacitor
should be ceramic (good quality) and it should be placed as close as possible to the chip.
6.3.19
DAC electrical specifications
VDD
AINx
IL±1 μA
0.6 V
VT
RAIN(1)
Cparasitic
VAIN
0.6 V
VT
12-bit
converter
C
Sample and hold ADC
converter
Table 70. DAC characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Comments
VDDA
Analog supply voltage for
DAC ON
2.4
-
3.6
V
RLOAD(1) Resistive load with buffer ON
5
-
-
k
Ω
VREF+
Positive reference voltage
2.4
-
3.6
V
VREF+ must be always equal to or
less than VDDA
RO(1)
Impedance output with buffer
OFF
--
15
k
Ω
When the buffer is OFF, the Minimum
resistive load between DAC_OUT
and VSS to have a 1% accuracy is
1.5 M
Ω
CLOAD(1) Capacitive load
-
-
50
pF
Maximum capacitive load at
DAC_OUT pin (when the buffer is
ON).
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer ON
0.2
-
-
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input code
(0x0E0) to (0xF1C) at VREF+ = 3.6 V
and (0x155) and (0xEAB) at VREF+ =
2.4 V
DAC_OUT
max(1)
Higher DAC_OUT voltage
with buffer ON
--
VDDA – 0.2
V
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer OFF
-0.5
-
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(1)
Higher DAC_OUT voltage
with buffer OFF
--
VREF+ – 1LSB V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com