Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VCT6 Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 108Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 109Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 110Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 111Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 112Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 113Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 114Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 115Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 132 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
112/132
DocID023353 Rev 6
Figure 34. 12-bit buffered /non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
6.3.20
Comparator characteristics
R LOAD
C LOAD
Buffered/Non-buffered DAC
DACx_OUT
Buffer(1)
12-bit
digital to
analog
converter
ai17157
Table 71. Comparator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
2
-
3.6
V
VIN
Comparator input voltage
range
0-
VDDA
VBG
Scaler input voltage
-
1.2
-
VSC
Scaler offset voltage
-
±5
±10
mV
tS_SC
Scaler startup time from
power down
--
0.1
ms
tSTART
Comparator startup time
Startup time to reach propagation delay
specification
-
-
60
µs
tD
Propagation delay for
200 mV step with 100 mV
overdrive
Ultra-low power mode
-
2
4.5
µs
Low power mode
-
0.7
1.5
Medium power mode
-
0.3
0.6
High speed mode
VDDA ≥ 2.7 V
-
50
100
ns
VDDA < 2.7 V
-
100
240
Propagation delay for full
range step with 100 mV
overdrive
Ultra-low power mode
-
2
7
µs
Low power mode
-
0.7
2.1
Medium power mode
-
0.3
1.2
High speed mode
VDDA ≥ 2.7 V
-
90
180
ns
VDDA < 2.7 V
-
110
300
Voffset
Comparator offset error
-
±4
±10
mV
dVoffset/dT
Offset error temperature
coefficient
-18
-
µV/°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com