Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VCT6 Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 107Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 108Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 109Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 110Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 111Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 112Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 113Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 114Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 132 page
background image
DocID023353 Rev 6
111/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
IDDA(3)
DAC DC current
consumption in quiescent
mode (Standby mode)(2)
-
-
380
µA
With no load, middle code (0x800) on
the input
-
-
480
µA
With no load, worst code (0xF1C) on
the input
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
-
-
±0.5
LSB Given for a 10-bit input code
-
-
±2
LSB Given for a 12-bit input code
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 1023)
-
-
±1
LSB Given for a 10-bit input code
-
-
±4
LSB Given for a 12-bit input code
Offset(3)
Offset error
(difference between
measured value at Code
(0x800) and the ideal value =
VDDA/2)
--
±10
mV
--
±3
LSB
Given for a 10-bit input code at VREF+
= 3.6 V
--
±12
LSB
Given for a 12-bit input code at VREF+
= 3.6 V
Gain
error(3)
Gain error
-
-
±0.5
% Given for a 12-bit input code
tSETTLING(3)
Settling time (full scale: for a
10-bit input code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value ±1LSB
-3
4
µs CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
Update
rate(3)
Max frequency for a correct
DAC_OUT change when
small variation in the input
code (from code i to i+1LSB)
--
1
MS/s CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
tWAKEUP(3)
Wakeup time from off state
(Setting the ENx bit in the
DAC Control register)
-6.5
10
µs
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
input code between lowest and
highest possible ones.
PSRR+ (1)
Power supply rejection ratio
(to VDDA) (static DC
measurement
-
–67
–40
dB No RLOAD, CLOAD = 50 pF
1. Guaranteed by design, not tested in production.
2. Quiescent mode refers to the state of the DAC a keeping steady value on the output, so no dynamic consumption is
involved.
3. Data based on characterization results, not tested in production.
Table 70. DAC characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com