Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VCT6 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 111Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 112Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 113Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 114Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 115Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 116Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 117Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 118Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 132 page
background image
DocID023353 Rev 6
115/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
PGA gain
Non inverting gain value
-2
-
-4
-
-8
-
-16
-
Rnetwork
R2/R1 internal resistance values in
PGA mode (2)
Gain=2
-
5.4/5.4
-
k
Ω
Gain=4
-
16.2/5.4
-
Gain=8
-
37.8/5.4
-
Gain=16
-
40.5/2.7
-
PGA gain error PGA gain error
-1%
-
1%
Ibias
OPAMP input bias current
-
-
±0.2(3)
µA
PGA BW
PGA bandwidth for different non
inverting gain
PGA Gain = 2,
Cload = 50pF,
Rload = 4 K
Ω
-4
-
MHz
PGA Gain = 4,
Cload = 50pF,
Rload = 4 K
Ω
-2
-
PGA Gain = 8,
Cload = 50pF,
Rload = 4 K
Ω
-1
-
PGA Gain = 16,
Cload = 50pF,
Rload = 4 K
Ω
-0.5
-
en
Voltage noise density
@ 1KHz, Output
loaded with
4K
Ω
-109
-
@ 10KHz,
Output loaded
with 4 K
Ω
-43
-
1. Guaranteed by design, not tested in production.
2. R2 is the internal resistance between OPAMP output and OPAMP inverting input.
R1 is the internal resistance between OPAMP inverting input and ground.
The PGA gain =1+R2/R1
3. Mostly TTa I/O leakage, when used in analog mode.
Table 72. Operational amplifier characteristics(1) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com