Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1010-I/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # AR1010-I/SS
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button AR1010-I/SS Datasheet HTML 29Page - Microchip Technology AR1010-I/SS Datasheet HTML 30Page - Microchip Technology AR1010-I/SS Datasheet HTML 31Page - Microchip Technology AR1010-I/SS Datasheet HTML 32Page - Microchip Technology AR1010-I/SS Datasheet HTML 33Page - Microchip Technology AR1010-I/SS Datasheet HTML 34Page - Microchip Technology AR1010-I/SS Datasheet HTML 35Page - Microchip Technology AR1010-I/SS Datasheet HTML 36Page - Microchip Technology AR1010-I/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 33
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
8.2.11
TouchOptions Register (OFFSET
0x0D)
The TouchOptions register contains various “touch”
related option bits.
REGISTER 8-2:
TouchOptions REGISTER
8.2.12
CalibrationInset Register (OFFSET
0x0E)
The CalibrationInset register defines the expected
position of the calibration points, inset from the perime-
ter of the touch sensor’s active area, by a percentage
of the full scale dimension.
This allows for the calibration targets to be placed inset
from edge to make it easier for a user to touch them.
The CalibrationInset register value is only used when
the CALIBRATION_MODE command is issued to the
controller. In Calibration mode, the controller will
extrapolate the calibration point touch report values by
the defined CalibrationInset percentage to achieve full
scale.
A
software
application
that
issues
the
CALIBRATION_MODE command must present the
displayed calibration targets at the same inset
percentage as defined in this CalibrationInset register.
Valid values are as follows:
0 ≤ CalibrationInset ≤ 40
Calibration Inset = (CalibrationInset/2) %, Range of 0-
20% with 0.5% resolution
For example, CalibrationInset = 25 (0x19) yields a cal-
ibration inset of (25/2) or 12.5%. During the calibration
procedure, the controller will internally extrapolate the
calibration point touch values in Calibration mode by
12.5% to achieve full scale.
FIGURE 8-1:
U-0
U-0
U-0
U-0
U-0
U-0
R/W
R/W
—
—
—
—
—
—
48W
CCE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-2
Unimplemented: Read as ‘0’
bit 1
48W: 4-Wire or 8-Wire Sensor Selection bit
1 = Selects 8-wire Sensor Operating mode
0 = Selects 4-wire Sensor Operating mode
bit 0
CCE: Calibrated Coordinates Enable bit
1 = Enables calibrated coordinates, if the controller has been calibrated
0 = Disables calibrated coordinates
Note:
A 4-wire touch sensor will not work if the
48W Configuration bit is incorrectly
defined as 1, which selects 8-wire.
An 8-wire touch sensor will provide basic
operation if the 48W Configuration bit is
incorrectly defined as 0, which selects 4-
wire. However, the benefit of the 8-wire
sensor will only be realized if the 48W
Configuration bit is correctly defined as 1,
selecting 8-wire.
Location of Calibration
Targets presented during
Calibration.
12.5% of
Full Scale
12.5% of
Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com