Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1010-I/SS Datasheet(PDF) 9 Page - Microchip Technology

Part # AR1010-I/SS
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/SS Datasheet(HTML) 9 Page - Microchip Technology

Back Button AR1010-I/SS Datasheet HTML 5Page - Microchip Technology AR1010-I/SS Datasheet HTML 6Page - Microchip Technology AR1010-I/SS Datasheet HTML 7Page - Microchip Technology AR1010-I/SS Datasheet HTML 8Page - Microchip Technology AR1010-I/SS Datasheet HTML 9Page - Microchip Technology AR1010-I/SS Datasheet HTML 10Page - Microchip Technology AR1010-I/SS Datasheet HTML 11Page - Microchip Technology AR1010-I/SS Datasheet HTML 12Page - Microchip Technology AR1010-I/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 9
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
2.4
8-Wire Sensor
An 8-wire resistive touch sensor consists of a stable
and flex layer, electrically separated by spacer dots.
The layers are assembled perpendicular to each other.
The touch position is determined by first applying a
voltage gradient across the flex layer and using the
stable layer to measure the flex layer’s touch position
voltage. The second step is applying a voltage gradient
across the stable layer and using the flex layer to
measure the stable layer’s touch position voltage.
The measured voltage at any position across a driven
axis is predictable. A touch moving in the direction of
the driven axis will yield a linearly changing voltage. A
touch moving perpendicular to the driven axis will yield
a relatively unchanging voltage.
The basic decoding of an 8-wire sensor is similar to a
4-wire. The difference is that an 8-wire sensor has four
additional interconnects used to reference sensor
voltage back to the controller.
A touch system may experience voltage losses due to
resistance changes in the bus bars and connection
between the controller and sensor. The losses can vary
with product use, temperature, and humidity. In a
4-wire sensor, variations in the losses manifest them-
selves as error or drift in the reported touch location.
The four additional sense lines found on 8-wire sensors
are added to dynamically reference the voltage to cor-
rect for this fluctuation during use (See Figure 2-2).
FIGURE 2-2:
8-WIRE DECODING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com