Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1010-I/SS Datasheet(PDF) 41 Page - Microchip Technology

Part # AR1010-I/SS
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/SS Datasheet(HTML) 41 Page - Microchip Technology

Back Button AR1010-I/SS Datasheet HTML 37Page - Microchip Technology AR1010-I/SS Datasheet HTML 38Page - Microchip Technology AR1010-I/SS Datasheet HTML 39Page - Microchip Technology AR1010-I/SS Datasheet HTML 40Page - Microchip Technology AR1010-I/SS Datasheet HTML 41Page - Microchip Technology AR1010-I/SS Datasheet HTML 42Page - Microchip Technology AR1010-I/SS Datasheet HTML 43Page - Microchip Technology AR1010-I/SS Datasheet HTML 44Page - Microchip Technology AR1010-I/SS Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 41
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
9.3.5
REGISTER_READ – 0x20
Reads a value from a controller register location. This
can be used to determine a controller configuration
setting.
Configuration registers are defined as an Offset value
from the Start address for the register group. Read a
register as follows:
1.
Issue the REGISTER_START_ADDRESS_REQUEST
command to obtain the Start address for the
register group.
2.
Calculate the desired register’s absolute
address by adding the register’s Offset value to
Start address for the register group.
3.
Issue this REGISTER_READ command, as
follows, using the calculated register’s absolute
address:
Send: <0x55><0x04><0x20><Register Address
High
byte><Register
Address
Low
byte><# of Registers to Read>
Register Address High byte: 0x00
# of Registers to Read:
0x01 thru 0x08
Receive: <0x55><0x02
+
#
of
Registers
Read><Response><0x20><Register
value>…<Register value>
The AR1000 controller will ignore the value entered for
the Register Address High Byte. However, 0x00 is
recommended to safeguard against any possible future
product development.
9.3.6
REGISTER_WRITE – 0x21
Write a value to a controller register location. This can
be used to change a controller configuration setting.
Configuration registers are defined as an Offset value
from the Start address for the register group. Write a
register as follows:
1.
Issue the REGISTER_START_ADDRESS_REQUEST
command to obtain the Start address for the
register group.
2.
Calculate the desired register’s absolute
address by adding the register’s Offset value to
Start address for the register group.
3.
Issue this REGISTER_WRITE command, as
follows, using the calculated register’s absolute
address:
Send: <0x55><0x04
+
#
Registers
to
Write><0x21><Register Address High
byte><Register Address Low byte>
<#
of
Registers
to
Write><Data>…<Data>
Register Address High byte: 0x00
# of Registers to Read:
0x01 thru 0x08
Receive: <0x55><0x02><Response><0x21>
The AR1000 controller will ignore the value entered for
the Register Address High Byte. However, 0x00 is
recommended to safeguard against any possible future
product development.
9.3.7
REGISTER_START_ADDRESS_REQUEST
– 0x22
Configuration registers are defined as an Offset value
from the Start address for the register group. This
command returns the Start address for the register
group.
Send:
<0x55><0x01><0x22>
Receive:
<0x55><0x03><Response><0x22><Regi
ster Start Address>
9.3.8
REGISTERS_WRITE_TO_EEPROM –
0x23
Save Configuration register values to EEPROM. This
allows the controller to remember configurations
settings through controller power cycles.
Send:
<0x55><0x01><0x23>
Receive: <0x55><0x02><Response><0x23>
9.3.9
EEPROM_READ – 0X28
The controller has 256 bytes of on-board EEPROM.
• The first 128 bytes (address range 0x00-0x7F)
are reserved by the controller for the Configura-
tion register settings and calibration data.
• The second 128 bytes (address range
0x80-0xFF) are provided for the user’s
application, if desired.
This command provides a means to read values from
the EEPROM.
Send:
<0x55><0x04><0x28><EEPROM Address
High
byte><EEPROM
Address
Low
byte><# of EEPROM to Read>
Register Address High byte: 0x00
# of Registers to Read: 0x01 thru 0x08
Receive:
<0x55><0x02
+
#
EEPROM
Read><Response><0x28><EEPROM
value>…<EEPROM value>
The AR1000 controller will ignore the value entered for
the EEPROM Address High Byte. However, 0x00 is
recommended to safeguard against any possible future
product development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com