Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1010-I/SS Datasheet(PDF) 12 Page - Microchip Technology

Part # AR1010-I/SS
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/SS Datasheet(HTML) 12 Page - Microchip Technology

Back Button AR1010-I/SS Datasheet HTML 8Page - Microchip Technology AR1010-I/SS Datasheet HTML 9Page - Microchip Technology AR1010-I/SS Datasheet HTML 10Page - Microchip Technology AR1010-I/SS Datasheet HTML 11Page - Microchip Technology AR1010-I/SS Datasheet HTML 12Page - Microchip Technology AR1010-I/SS Datasheet HTML 13Page - Microchip Technology AR1010-I/SS Datasheet HTML 14Page - Microchip Technology AR1010-I/SS Datasheet HTML 15Page - Microchip Technology AR1010-I/SS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 12
Preliminary
 2009-2012 Microchip Technology Inc.
3.2
4, 5, 8-Wire Sensor Selection
The desired sensor type of 4/8-wire or 5-wire is
hardware selectable using pin M2.
If 4/8-wire has been hardware-selected, then the
choice of 4-wire or 8-wire is software-selectable via the
TouchOptions Configuration register.
When 4/8-wire is hardware-selected, the controller
defaults to 4-wire operation. If 8-wire operation is
desired, then the TouchOptions Configuration register
must be changed.
3.3
4-Wire Touch Sensor Interface
Sensor tail pinouts can vary by manufacturer and part
number. Ensure that both sensor tail pins for one
sensor axis (layer) are connected to the controller’s
X-/X+ pins and the tail pins for the other sensor axis
(layer) are connected to the controller’s Y-/Y+ pins. The
controller’s X-/X+ and Y-/Y+ pin pairs do not need to
connect to a specific sensor axis. The orientation of
controller pins X- and X+ to the two sides of a given
sensor axis is not important. Likewise, the orientation of
controller pins Y- and Y+ to the two sides of the other
sensor axis is not important.
Connections to a 4-wire touch sensor are as follows
(See Figure 3-2).
FIGURE 3-2:
4-WIRE TOUCH SENSOR INTERFACE
Tie unused controller pins 5WSX-, SX+, SY-, and SY+
to VSS.
See
Section 3.8
“ESD
Considerations”
and
Section 3.9 “Noise Considerations” for important
information regarding the capacitance of the controller
schematic hardware.
TABLE 3-1:
4/8-WIRE vs. 5-WIRE
SELECTION
Type
M2 pin
4/8-wire
VSS
5-wire
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com