Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3DI Datasheet(PDF) 4 Page - Texas Instruments

Part # TSB81BA3DI
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DI Datasheet(HTML) 4 Page - Texas Instruments

  TSB81BA3DI Datasheet HTML 1Page - Texas Instruments TSB81BA3DI Datasheet HTML 2Page - Texas Instruments TSB81BA3DI Datasheet HTML 3Page - Texas Instruments TSB81BA3DI Datasheet HTML 4Page - Texas Instruments TSB81BA3DI Datasheet HTML 5Page - Texas Instruments TSB81BA3DI Datasheet HTML 6Page - Texas Instruments TSB81BA3DI Datasheet HTML 7Page - Texas Instruments TSB81BA3DI Datasheet HTML 8Page - Texas Instruments TSB81BA3DI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The LPS (link power status) terminal works with the LKON/DS2 terminal to manage the power usage in the node.
The LPS signal from the LLC is used in conjunction with the LCtrl bit (see Table 1 and Table 2 in the
APPLICATION INFORMATION section) to indicate the active/power status of the LLC. The LPS signal also
resets, disables, and initializes the PHY-LLC interface (the state of the PHY-LCC interface is controlled solely
by the LPS input regardless of the state of the LCtrl bit).
The LPS input is considered inactive if it remains low for more than the LPS_RESET time (see the LPS terminal
definition) and is considered active otherwise. When the TSB81BA3D detects that the LPS input is inactive, the
PHY-LLC interface is placed into a low-power reset state in which the CTL and D outputs are held in the logic
0 state and the LREQ input is ignored; however, the PCLK output remains active. If the LPS input remains low
for more than the LPS_DISABLE time (see the LPS terminal definition), then the PHY-LLC interface is put into
a low-power disabled state in which the PCLK output is also held inactive. The TSB81BA3D continues the
necessary repeater functions required for normal network operation regardless of the state of the PHY-LLC
interface. When the interface is in the reset or disabled state and the LPS input is again observed active, the
PHY initializes the interface and returns to normal operation. The PHY-LLC interface is also held in the disabled
state during hardware reset. When the LPS terminal is returned to an active state after being sensed as having
entered the LPS_DISABLE time, the TSB81BA3D issues a bus reset. This broadcasts the node self-ID packet,
which contains the updated L bit state (the PHY LLC now being accessible).
The PHY uses the LKON/DS2 terminal to notify the LLC to power up and become active. When activated, the
output LKON/DS2 signal is a square wave. The PHY activates the LKON/DS2 output when the LLC is inactive
and a wake-up event occurs. The LLC is considered inactive when either the LPS input is inactive, as described
above, or the LCtrl bit is cleared to 0. A wake-up event occurs when a link-on PHY packet addressed to this node
is received, or conditionally when a PHY interrupt occurs. The PHY deasserts the LKON/DS2 output when the
LLC becomes active (both LPS sensed as active and the LCtrl bit set to 1). The PHY also deasserts the
LKON/DS2 output when a bus reset occurs, unless a PHY interrupt condition exists which would otherwise
cause LKON/DS2 to be active. If the PHY is power cycled and the power class is 0 through 4, then the PHY
asserts LKON/DS2 for approximately 167
μs or until both the LPS is active and the LCtrl bit is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com