Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3DI Datasheet(PDF) 53 Page - Texas Instruments

Part # TSB81BA3DI
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DI Datasheet(HTML) 53 Page - Texas Instruments

Back Button TSB81BA3DI Datasheet HTML 49Page - Texas Instruments TSB81BA3DI Datasheet HTML 50Page - Texas Instruments TSB81BA3DI Datasheet HTML 51Page - Texas Instruments TSB81BA3DI Datasheet HTML 52Page - Texas Instruments TSB81BA3DI Datasheet HTML 53Page - Texas Instruments TSB81BA3DI Datasheet HTML 54Page - Texas Instruments TSB81BA3DI Datasheet HTML 55Page - Texas Instruments TSB81BA3DI Datasheet HTML 56Page - Texas Instruments TSB81BA3DI Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
transmit (continued)
Table 36. Link Request Type Encoding During Packet Transmission
D1−D3
Request Type
000
No request
001
Isoch_Req_Odd
010
Isoch_Req_Even
011
Current
100
Next_Even
101
Next_Odd
110
Cyc_Start_Req
111
Reserved
Table 37. Link Request Speed Code Encoding During Packet Transmission
D5−D6
DATA RATE
00
S100
01
S200
10
S400
11
S800
Table 38. Link Request Format Encoding During Packet Transmission
D0
FORMAT
0
Link does not request either beta or legacy packet format for bus transmission
1
Link requests beta packet format for bus transmission
Table 39. Subaction End Notification Encoding During Packet Transmission
D4
DESCRIPTION
0
Transmitted packet does not represent end of a subaction
1
Transmitted packet marks the end of a subaction
The PHY indicates to the link during the GRANT cycle which type of grant is being issued. This indication
includes the grant type as well as the grant speed. The link uses the bus grant for transmitting the granted packet
type. The link transmits a granted packet type only if its request type exactly matches the granted speed and
the granted format.
Table 40. Format Type During Grant Cycle
D0 VALUE DURING GRANT
CYCLE
FORMAT
0
Unspecified
1
Beta format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com