Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3DI Datasheet(PDF) 52 Page - Texas Instruments

Part # TSB81BA3DI
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DI Datasheet(HTML) 52 Page - Texas Instruments

Back Button TSB81BA3DI Datasheet HTML 48Page - Texas Instruments TSB81BA3DI Datasheet HTML 49Page - Texas Instruments TSB81BA3DI Datasheet HTML 50Page - Texas Instruments TSB81BA3DI Datasheet HTML 51Page - Texas Instruments TSB81BA3DI Datasheet HTML 52Page - Texas Instruments TSB81BA3DI Datasheet HTML 53Page - Texas Instruments TSB81BA3DI Datasheet HTML 54Page - Texas Instruments TSB81BA3DI Datasheet HTML 55Page - Texas Instruments TSB81BA3DI Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
transmit (continued)
GT = Grant Type
LR = Link Request Type
d0−dn = packet data
PHY D[0:7]
PHY CTL[0:1]
00
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
GT
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
11
01
01
11
ZZ
ZZ
ZZ
ZZ
ZZ
00
d0
d1
00
PHY D[0:7]
PHY CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
ZZ
01
01
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
dn−1
dn
LR
00
ZZ
ZZ
ZZ
ZZ
ZZ
Figure 27. Transmit Packet Timing with Optional Link Request
The hold state asserted at the end of packet transmission allows the LLC to make an additional link request for
packet transmission and/or to notify the PHY that the packet marks the end of a subaction. The link requests
allowed after packet transmission are listed in Table 36 (note that the link request types allowed during this
period are a subset of all of the allowed types of link requests—see Table 25). The associated speed codes and
packet format are listed in Table 36 and Table 37, respectively. If the LLC requests to send an additional packet,
then the PHY does not necessarily have to grant the request. If the LLC is notifying the PHY of the end of a
subaction, then the LLC sets D4 during the hold state at the end of packet transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com