Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638MFKB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638MFKB
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638MFKB Datasheet(HTML) 2 Page - Texas Instruments

  TLV5638MFKB Datasheet HTML 1Page - Texas Instruments TLV5638MFKB Datasheet HTML 2Page - Texas Instruments TLV5638MFKB Datasheet HTML 3Page - Texas Instruments TLV5638MFKB Datasheet HTML 4Page - Texas Instruments TLV5638MFKB Datasheet HTML 5Page - Texas Instruments TLV5638MFKB Datasheet HTML 6Page - Texas Instruments TLV5638MFKB Datasheet HTML 7Page - Texas Instruments TLV5638MFKB Datasheet HTML 8Page - Texas Instruments TLV5638MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
Serial
Interface
and
Control
12-Bit
DAC B
Latch
SCLK
DIN
CS
OUTA
Power-On
Reset
x2
12
2-Bit
Control
Latch
Power
and Speed
Control
2
Voltage
Bandgap
PGA With
Output Enable
12-Bit
DAC A
Latch
12
REF
AGND
VDD
2
12
12
OUTB
x2
Buffer
12
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
AVAILABLE OPTIONS
PACKAGE
TA
SOIC
CERAMIC DIP
20 PAD LCCC
(D)
(JG)
(FK)
0°C to 70°C
TLV5638CD
—
—
40°C to 85°C
TLV5638ID
—
—
TLV5638QD
40°C to 125°C
—
—
TLV5638QDR
55°C to 125°C
—
TLV5638MJG
TLV5638MFK
FUNCTIONAL BLOCK DIAGRAM
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com