Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638MFKB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638MFKB
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638MFKB Datasheet(HTML) 3 Page - Texas Instruments

  TLV5638MFKB Datasheet HTML 1Page - Texas Instruments TLV5638MFKB Datasheet HTML 2Page - Texas Instruments TLV5638MFKB Datasheet HTML 3Page - Texas Instruments TLV5638MFKB Datasheet HTML 4Page - Texas Instruments TLV5638MFKB Datasheet HTML 5Page - Texas Instruments TLV5638MFKB Datasheet HTML 6Page - Texas Instruments TLV5638MFKB Datasheet HTML 7Page - Texas Instruments TLV5638MFKB Datasheet HTML 8Page - Texas Instruments TLV5638MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
Terminal Functions
TERMINAL
I/O/P
DESCRIPTION
NAME
NO.
AGND
5
P
Ground
CS
3
I
Chip select. Digital input active low, used to enable/disable inputs
DIN
1
I
Digital serial data input
OUT A
4
O
DAC A analog voltage output
OUT B
7
O
DAC B analog voltage output
REF
6
I/O
Analog reference voltage input/output
SCLK
2
I
Digital serial clock input
VDD
8
P
Positive power supply
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage (VDD to AGND)
7 V
Reference input voltage range
-0.3 V to VDD + 0.3 V
Digital input voltage range
-0.3 V to VDD + 0.3 V
Operating free-air temperature range, TA
TLV5638C
0°C to 70°C
TLV5638I
-40°C to 85°C
TLV5638Q
-40°C to 125°C
TLV5638M
-55°C to 125°C
Storage temperature range, Tstg
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA≤ 25°C
DERATING FACTOR
TA= 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA= 25°C(1)
POWER RATING
POWER RATING
POWER RATING
D
635 mW
5.08 mW/°C
407 mW
330 mW
127 mW
FK
1375 mW
11.00 mW/°C
880 mW
715 mW
275 mW
JG
1050 mW
8.40 mW/°C
672 mW
546 mW
210 mW
(1)
This is the inverse of the traditional Junction-to-Ambient thermal Resistance (R
θ
JA). Thermal Resistances are not production tested and
are for informational purposes only.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com