Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638MFKB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638MFKB
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638MFKB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5638MFKB Datasheet HTML 3Page - Texas Instruments TLV5638MFKB Datasheet HTML 4Page - Texas Instruments TLV5638MFKB Datasheet HTML 5Page - Texas Instruments TLV5638MFKB Datasheet HTML 6Page - Texas Instruments TLV5638MFKB Datasheet HTML 7Page - Texas Instruments TLV5638MFKB Datasheet HTML 8Page - Texas Instruments TLV5638MFKB Datasheet HTML 9Page - Texas Instruments TLV5638MFKB Datasheet HTML 10Page - Texas Instruments TLV5638MFKB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.5
2
1.5
0.5
–40 –30 –20 –10 0 10 20
3.5
4
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
4.5
30
50 60
90
3
1
40
70 80
Fast Mode
Slow Mode
VDD = 5 V
Vref = Int. 2 V
Input Code = Full Scale (Both DACs)
TA – Free-Air Temperature – °C
1.4
1
0.4
0
0
10
20
30
40
2.2
2.4
POWER DOWN SUPPLY CURRENT
vs
TIME
2.6
50
60
70
80
2
1.8
1.6
1.2
0.8
0.6
0.2
t – Time –
µs
2.5
2
1.5
0.5
–40 –30 –20 –10 0 10 20
3.5
4
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
4.5
30
50 60
90
3
1
40
70 80
Fast Mode
Slow Mode
VDD = 3 V
Vref = Int. 1 V
Input Code = Full Scale (Both DACs)
TA – Free-Air Temperature – °C
2.058
2.054
2.052
2.05
0
0.5
1
1.5
2
2.5
3
2.06
2.062
Source Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
2.064
3.5
4
2.056
Fast Mode
Slow Mode
VDD = 3 V
Vref = Int. 1 V
Input Code = 4095
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
Figure 2.
Figure 3.
Figure 4.
Figure 5.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com