Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638MFKB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638MFKB
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638MFKB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5638MFKB Datasheet HTML 7Page - Texas Instruments TLV5638MFKB Datasheet HTML 8Page - Texas Instruments TLV5638MFKB Datasheet HTML 9Page - Texas Instruments TLV5638MFKB Datasheet HTML 10Page - Texas Instruments TLV5638MFKB Datasheet HTML 11Page - Texas Instruments TLV5638MFKB Datasheet HTML 12Page - Texas Instruments TLV5638MFKB Datasheet HTML 13Page - Texas Instruments TLV5638MFKB Datasheet HTML 14Page - Texas Instruments TLV5638MFKB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
DATA FORMAT
REGISTERED SELECT BITS
DATA BITS: DAC A, DAC B and BUFFER
DATA BITS: CONTROL
REFERENCE BITS
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
APPLICATION INFORMATION (continued)
The 16-bit data word for the TLV5638 consists of two parts:
•
Program bits (D15..D12)
•
New data (D11..D0)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R1
SPD
PWR
R0
12 Data bits
SPD: Speed control bit
1
→ fast mode
0
→ slow mode
PWR: Power control bit
1
→ power down
0
→ normal operation
The following table lists the possible combination of the register select bits:
R1
R0
REGISTER
0
0
Write data to DAC B and BUFFER
0
1
Write data to BUFFER
1
0
Write data to DAC A and update DAC B with BUFFER content
1
1
Write data to control register
The meaning of the 12 data bits depends on the register. If one of the DAC registers or the BUFFER is selected,
then the 12 data bits determine the new DAC value:
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
New DAC Value
If control is selected, then D1, D0 of the 12 data bits are used to program the reference voltage:
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
X
X
REF1
REF0
REF1 and REF0 determine the reference source and, if internal reference is selected, the reference voltage.
REF1
REF0
REFERENCE
0
0
External
0
1
1.024 V
1
0
2.048 V
1
1
External
CAUTION:
If external reference voltage is applied to the REF pin, external reference MUST
be selected.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com