Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C780 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C780
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C780 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C780 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
AC Electrical Specifications
Unless otherwise noted, all typicals and figures are at the nominal operating conditions of VIN+ = 0, VIN– = 0 V,
VDD1 = VDD2 = 5 V and TA = 25°C; all Minimum and Maximum specifications are within the Recommended Operating
Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Small-Signal Bandwidth
(-3 dB)
f–3 dB
50
100
kHz
VIN+ = 200 mVpk-pk sine wave
12,13
RMS VOUT Noise
VN
31.5
mVrms
VIN+ = 0 V
13
VIN to VOUT Signal Delay
(50 – 10%)
tPD10
2.03
3.3
μs
VIN+ = 0 to 150 mV step, measured
at VOUT node in Figure 15
14,15
VIN to VOUT Signal Delay
(50 – 50%)
tPD50
3.47
5.6
μs
VIN+ = 0 to 150 mV step, measured
at VOUT node in Figure 15
14,15
VIN to VOUT Signal Delay
(50 – 90%)
tPD90
4.99
9.9
μs
VIN+ = 0 to 150 mV step, measured
at VOUT node in Figure 15
14,15
VOUT Rise/ Fall Time
(10 – 90%)
tR/F
2.96
6.6
μs
VIN+ = 0 to 150 mV step, measured
at VOUT node in Figure 15
14,15
Common Mode Transient
Immunity
CMTI
10
15
kV/
μs
VCM = 1 kV, TA = 25°C
16
14
Power Supply Rejection
PSR
170
mVrms
15
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Fig.
Note
Input-Output Momentary Withstand
Voltage
VISO
5000
Vrms
RH < 50%,
t = 1 min., TA = 25°C
16,17
Resistance (Input-Output)
RI-O
>1012
Ω
VI-O = 500 VDC
18
Capacitance (Input-Output)
CI-O
0.5
pF
f = 1 MHz
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com