Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C780 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C780
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C780 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C780 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FREQUENCY (Hz)
-2
1
-4
0
10
100000
-1
-3
1000
100
10000
FREQUENCY (Hz)
-100
50
-300
0
10
100000
-50
-150
1000
-200
-250
100
10000
TA - TEMPERATURE - °C
3.1
-25
5.5
5
65
95
1.5
4.7
-55
3.9
2.3
35
Tpd 10
Tpd 50
Tpd 90
Trise
Figure 15. Propagation Delay Test Circuits.
Figure 12. Gain vs. Frequency.
Figure 13. Phase vs. Frequency.
Figure 14. Propagation Delay vs. Temperature.
0.1 µF
VDD2
VOUT
8
7
6
1
3
ACPL-C78A
ACPL-C780
ACPL-C784
5
2
4
2 K
2 K
+15 V
0.1 µF
0.1 µF
-15 V
–
+
MC34081
0.1 µF
10 K
10 K
0.01 µF
VDD1
VIN
VIN IMPEDANCE LESS THAN 10 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com