Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C780 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C780
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C780 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C780 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
DC Electrical Specifications
Unless otherwise noted, all typicals and figures are at the nominal operating conditions of VIN+ = 0, VIN– = 0 V,
VDD1 = VDD2 = 5 V and TA = 25°C; all Minimum and Maximum specifications are within the Recommended Operating
Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Input Offset Voltage
VOS
–2
0.3
2
mV
TA = 25°C
1,2,3
Input Offset Voltage
VOS
–3
3
TA = –40°C to +85°C
1,2,3
Magnitude of Input Offset
Change vs. Temperature
|dVOS/dTA|
3
10
μV/°C
2
2
Gain (ACPL-C78A, ±1%)
G1
7.92
8
8.08
V/V
VIN+ = –200 mV to +200 mV,
TA = 25°C
4,5,6
3
Gain (ACPL-C780, ±3%)
G3
7.76
8
8.24
V/V
VIN+ = –200 mV to +200 mV,
TA = 25°C
4,5,6
3
Gain (ACPL-C784, ±5%)
G5
7.6
8
8.4
V/V
VIN+ = –200 mV to +200 mV,
TA = 25°C
4,5,6
3
Magnitude of VOUT Gain
Change vs.Temperature
|dG/dTA|
0.00025
V/V/°C
4,5,6
4
VOUT Nonlinearity over
±200 mV Input Voltage
NL200
0.0037
0.35
%
VIN+ = –200 mV to +200 mV
7,8
5
Magnitude of NL200
Change vs. Temperature
|dNL200/dTA|
0.0002
%/°C
7,8
5
VOUT Nonlinearity over
±100 mV Input Voltage
NL100
0.0027
0.2
%
VIN+ = –100 mV to +100 mV
7,8
6
Maximum Input Voltage
before VOUT Clipping
|VIN+|MAX
308
mV
9
Input Side Supply Current
IDD1
11
16
mA
VIN+ = +400 mV
10
7
Output Side Supply
Current
IDD2
13
16
mA
VIN+ = –400 mV
10
8
Input Current
IIN+
–5
–0.5
μA
VIN+ = 0, VIN– = 0 V
11
9
Magnitude of Input Bias
Current vs.Temperature
|dIIN/dTA|
0.45
nA/°C
Output Low Voltage
VOL
1.29
V
9
10
Output High Voltage
VOH
3.8
V
9
10
VOUT Output Common-
Mode Voltage
VOCM
2.2
2.545
2.8
V
VOUT Output Short-Circuit
Current
|IOSC|
18.6
mA
VOUT = 0 V or VDD2
11
Equivalent Input Impedance
RIN
500
k
Ω
9
VOUT Output Resistance
ROUT
15
Ω
Input DC Common-Mode
Rejection Ratio
CMRRIN
76
dB
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com