Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C780 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C780
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C780 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C780 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Application Information
Power Supplies and Bypassing
The recommended supply connections are shown in
Figure 17. A floating power supply (which in many ap-
plications could be the same supply that is used to drive
the high-side power transistor) is regulated to 5 V using
a simple zener diode (D1); the value of resistor R4 should
be chosen to supply sufficient current from the existing
floating supply. The voltage from the current sensing
resistor (Rsense) is applied to the input of the ACPL-C78A/
C780/C784 through an RC anti-aliasing filter (R2 and C2).
Although the application circuit is relatively simple, a few
recommendations should be followed to ensure optimal
performance.
The power supply for the ACPL-C78A/C780/C784 is most
often obtained from the same supply used to power the
power transistor gate drive circuit. If a dedicated supply is
required, in many cases it is possible to add an additional
windingonanexistingtransformer.Otherwise,somesortof
simple isolated supply can be used, such as a line powered
transformer or a high-frequency DC-DC converter.
An inexpensive 78L05 three-terminal regulator can also be
used to reduce the floating supply voltage to 5 V. To help
attenuate high-frequency power supply noise or ripple, a
resistor or inductor can be used in series with the input of
the regulator to form a low-pass filter with the regulator’s
input bypass capacitor.
As shown in Figure 18, 0.1
μF bypass capacitors (C1, C2)
should be located as close as possible to the pins of the
Figure 16. CMTI Test Circuits.
0.1 µF
VDD2
VOUT
8
7
6
1
3
ACPL-C78A
ACPL-C780
ACPL-C784
5
2
4
2 K
2 K
78L05
+15 V
0.1 µF
0.1 µF
-15 V
–
+ MC34081
150
pF
IN OUT
0.1
µF
0.1
µF
9 V
PULSE GEN.
VCM
+
–
10 K
10 K
150 pF
ACPL-C78A/C780/C784. The bypass capacitors are
required because of the high-speed digital nature of
the signals inside the ACPL-C78A/C780/C784. A 0.01
μF
bypass capacitor (C2) is also recommended at the input
due to the switched-capacitor nature of the input circuit.
The input bypass capacitor also forms part of the anti-
aliasing filter, which is recommended to prevent high-
frequency noise from aliasing down to lower frequencies
and interfering with the input signal. The input filter also
performs an important reliability function – it reduces
transient spikes from ESD events flowing through the
current sensing resistor.
PC Board Layout
The design of the printed circuit board (PCB) should follow
good layout practices, such as keeping bypass capacitors
close to the supply pins, keeping output signals away from
input signals, the use of ground and power planes, etc. In
addition, the layout of the PCB can also affect the isolation
transient immunity (CMTI) of the ACPL-C78A/C780/C784,
due primarily to stray capacitive coupling between the
input and the output circuits. To obtain optimal CMTI
performance, the layout of the PC board should minimize
any stray coupling by maintaining the maximum possible
distance between the input and output sides of the circuit
and ensuring that any ground or power plane on the PC
board does not pass directly below or extend much wider
than the body of the ACPL-C78A/C780/C784.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com