Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC875CVR133 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC875CVR133
Description  MPC875/MPC870 PowerQUICC??Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875CVR133 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC875CVR133 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC875CVR133 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4
50
Freescale Semiconductor
CPM Electrical Characteristics
13.3
Baud Rate Generator AC Electrical Specifications
Table 19 provides the baud rate generator timings as shown in Figure 46.
Figure 46. Baud Rate Generator Timing Diagram
13.4
Timer AC Electrical Specifications
Table 20 provides the general-purpose timer timings as shown in Figure 47.
Table 19. Baud Rate Generator Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
50
BRGO rise and fall time
—
10
ns
51
BRGO duty cycle
40
60
%
52
BRGO cycle
40
—
ns
Table 20. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10
—
ns
62
TIN/TGATE low time
1
—
clk
63
TIN/TGATE high time
2
—
clk
64
TIN/TGATE cycle time
3
—
clk
65
CLKO low to TOUT valid
3
25
ns
52
50
51
BRGOX
50
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com