Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3035 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYUSB3035
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYUSB3035 Datasheet HTML 1Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 4 of 50
Figure 2. EZ-USB FX3S as Main Processor
USB Interface
FX3S complies with the following specifications and supports the
following features:
■ Supports USB peripheral functionality compliant with the
USB 3.0 Specification Revision 1.0 and is also backward
compatible with the USB 2.0 Specification.
■ Complies with OTG Supplement Revision 2.0. It supports
High-Speed, Full-Speed, and Low-Speed OTG dual-role device
capability. As a peripheral, FX3S is capable of SuperSpeed,
High-Speed, and Full-Speed. As a host, it is capable of
High-Speed, Full-Speed, and Low-Speed.
■ Supports Carkit Pass-Through UART functionality on USB
D+/D– lines based on the CEA-936A specification.
■ Supports up to 16 IN and 16 OUT endpoints.
■ Supports the USB 3.0 Streams feature. It also supports USB
Attached SCSI (UAS) device-class to optimize mass-storage
access performance.
■ As a USB peripheral, FX3S supports UAS, USB Video Class
(UVC), Mass Storage Class (MSC), and Media Transfer
Protocol (MTP) USB peripheral classes. As a USB peripheral,
all other device classes are supported only in the pass-through
mode when handled entirely by a host processor external to
the device.
■ As an OTG host, FX3S supports MSC and HID device classes.
Note
When the USB port is not in use, disable the PHY and
transceiver to save power.
Figure 3. USB Interface Signals
OTG
FX3S is compliant with the OTG Specification Revision 2.0. In
the OTG mode, FX3S supports both A and B device modes and
supports Control, Interrupt, Bulk, and Isochronous data
transfers.
FX3S requires an external charge pump (either standalone or
integrated into a PMIC) to power VBUS in the OTG A-device
mode.
The Target Peripheral List for OTG host implementation consists
of MSC- and HID-class devices.
FX3S does not support Attach Detection Protocol (ADP).
EZ-USB FX3S
VBATT
VBUS
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
OTG_ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com