Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3035 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CYUSB3035
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CYUSB3035 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 27Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 28Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 29Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 30Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 31Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 32Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 29 of 50
Note
6. All parameters guaranteed by design and validated through characterization.
Table 11. Asynchronous ADMux Timing Parameters[6]
Parameter
Description
Min
Max
Units
Notes
ADMux Asynchronous READ Access Timing Parameters
tRC
Read cycle time (address valid to address
valid)
54.5
–
ns
This parameter is dependent on when
the P-port processors deasserts OE#
tACC
Address valid to data valid
–
32
ns
tCO
CE# assert to data valid
–
34.5
ns
tAVOE
ADV# deassert to OE# assert
2
–
ns
tOLZ
OE# assert to data LOW-Z
0
–
ns
tOE
OE# assert to data valid
–
25
ns
tHZ
Read cycle end to data HIGH-Z
–
22.5
ns
ADMux Asynchronous WRITE Access Timing Parameters
tWC
Write cycle time (Address Valid to Address
Valid)
–
52.5
ns
tAW
Address valid to write end
30
–
ns
tCW
CE# assert to write end
30
–
ns
tAVWE
ADV# deassert to WE# assert
2
–
ns
tWP
WE# LOW pulse width
20
–
ns
tWPH
WE# HIGH pulse width
10
–
ns
tDS
Data valid setup to WE# deassert
18
–
ns
tDH
Data valid hold from WE# deassert
2
–
ns
ADMux Asynchronous Common READ/WRITE Access Timing Parameters
tAVS
Address valid setup to ADV# deassert
5
–
ns
tAVH
Address valid hold from ADV# deassert
2
–
ns
tVP
ADV# LOW pulse width
7.5
–
ns
tCPH
CE# HIGH pulse width
10
–
ns
tVPH
ADV# HIGH pulse width
15
–
ns
tCEAV
CE# assert to ADV# assert
0
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com