Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3035 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYUSB3035
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYUSB3035 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 6 of 50
Figure 5. Carkit UART Pass-through Block Diagram
Host Processor Interface (P-Port)
A configurable interface enables FX3S to communicate with
various devices such as Sensor, FPGA, Host Processor, or a
Bridge chip. FX3S supports the following P-Port interfaces.
■ GPIF II (16-bit)
■ Slave FIFO Interface
■ 16-bit Asynchronous SRAM Interface
■ 16-bit Asynchronous address/data multiplexed (ADMux)
Interface
■ 16-bit Synchronous address/data multiplexed (ADMux)
Interface
■ Processor MMC slave Interface compatible with MMC System
specification, MMCA Technical Committee, Version 4.2 with
eMMC 4.3 and 4.4 Pass-Through boot
The following sections describe these P-Port interfaces.
GPIF II
The high-performance GPIF II interface enables functionality
similar to, but more advanced than, FX2LP's GPIF and Slave
FIFO interfaces.
The GPIF II is a programmable state machine that enables a
flexible interface that may function either as a master or slave in
industry-standard or proprietary interfaces. Both parallel and
serial interfaces may be implemented with GPIF II.
Here are a list of GPIF II features:
■ Functions as master or slave
■ Provides 256 firmware programmable states
■ Supports 8-bit and 16-bit parallel data bus
■ Enables interface frequencies up to 100 MHz
■ Supports 16 configurable control pins when a 16/8 data bus is
used. All control pins can be either input/output or bi-directional.
GPIF II state transitions are based on control input signals. The
control output signals are driven as a result of the GPIF II state
transitions. The INT# output signal can be controlled by GPIF II.
Refer to the GPIFII Designer tool. The GPIF II state machine’s
behavior is defined by a GPIF II descriptor. The GPIF II
descriptor is designed such that the required interface specifica-
tions are met. 8 kB of memory (separate from the 512 kB of
embedded SRAM) is dedicated to the GPIF II waveform where
the GPIF II descriptor is stored in a specific format.
Cypress’s GPIF II Designer Tool enables fast development of
GPIF II descriptors and includes examples for common inter-
faces.
Example implementations of GPIF II are the asynchronous slave
FIFO and synchronous slave FIFO interfaces.
Slave FIFO interface
The Slave FIFO interface signals are shown in Figure 6. This
interface allows an external processor to directly access up to
four buffers internal to FX3S. Further details of the Slave FIFO
interface are described on page 33.
Note
Access to all 32 buffers is also supported over the slave
FIFO interface. For details, contact Cypress Applications
Support.
Figure 6. Slave FIFO Interface
Asynchronous SRAM
This interface consists of standard asynchronous SRAM
interface signals as shown in Figure 7 on page 7. This interface
is used to access both the configuration registers and buffer
memory of FX3S. Both single-cycle and burst accesses are
supported by asynchronous interface signals.
The most significant address bit, A[7], determines whether the
configuration registers or buffer memory are accessed. When
the configuration registers are selected by asserting the address
bit A[7], the address bus bits A[6:0] point to a configuration
register. When A[7] is deasserted, the buffer memory is
Carkit UART Pass-through
Carkit UART Pass-through
Interface on GPIF II
()
RXD(DP)
TXD(DM)
USB PHY
DP
DM
TXD
RXD
UART_ TXD
UART_ RXD
GPIO[48]
(UART_TX)
GPIO[49]
( UART_RX)
Carkit UART Pass-through
Interface on GPIOs
External
Processor
EZ-USB FX3S
SLCS#
A[1:0]
D[15:0]
SLRD#
SLOE#
SLWR#
PKTEND
FLAGA
FLAGB
Note: Multiple Flags may be configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com