Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3035 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYUSB3035
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYUSB3035 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 7 of 50
accessed as indicated by the P-Port DMA transfer register and
the transfer size is determined by the P-Port DMA transfer size
register.
Application processors with a DMA controller that use address
auto-increment during DMA transfers, can override this by
connecting any higher-order address line (such as
A[15]/A[23]/A[31]) of the application processor to FX3S’s A[7].
In the asynchronous SRAM mode, when reading from a buffer
memory, FX3S supports two methods of reading out next data
from the buffer. The next data may be read out on the rising edge
of OE# or by toggling the least significant address bit A[0].
In this mode, the P-Port interface works with a 32.5-ns minimum
access cycle providing an interface data rate of up to 61.5 MB
per second.
Figure 7. Asynchronous SRAM Interface
Asynchronous Address/Data Multiplexed
The physical ADMux memory interface consists of signals shown
in Figure 8. This interface supports processors that implement a
multiplexed address/data bus.
Figure 8. ADMux Memory Interface
FX3S’s ADMux interface supports a 16-bit time-multiplexed
address/data SRAM bus.
For read operations, assert both CE# and OE#.
For write operations, assert both CE# and WE#. OE# is "Don't
Care" during a write operation (during both address and data
phase of the write cycle). The input data is latched on the rising
edge of WE# or CE#, whichever occurs first. Latch the addresses
prior to the write operation by toggling Address Valid (ADV#).
Assert Address Valid (ADV#) during the address phase of the
write operation, as shown in Figure 19 on page 28.
ADV# must be LOW during the address phase of a read/write
operation. ADV# must be HIGH during the data phase of a
read/write operation, as shown in Figure 18 and Figure 19 on
page 28.
Synchronous ADMux Interface
FX3S's P-Port supports a synchronous address/data
multiplexed interface. This operates at an interface frequency of
up to 100 MHz and supports a 16-bit data bus.
The RDY output signal from the FX3S device indicates a data
valid for read transfers and is acknowledged for write transfers.
Figure 9. Synchronous ADMux Interface
See the Synchronous ADMux Interface timing diagrams for
details.
Processor MMC (PMMC) Slave Interface
FX3S supports an MMC slave interface on the P-Port. This
interface is named "PMMC" to distinguish it from the S-Port MMC
interface.
Figure 10 illustrates the signals used to connect to the host
processor.
The PMMC interface's GO_IRQ_STATE command allows FX3S
to communicate asynchronous events without requiring the INT#
signal. The use of the INT# signal is optional.
Figure 10. PMMC Interface Configuration
HOST
PROCESSOR
WEST BRIDGE
BENICIA
CE#
A[7:0]
DQ[15:0]
WE#
OE#
FX3S
HOST
PROCESSOR
WEST BRIDGE
BENICIA
CE#
ADV#
A[7:0]/DQ[15:0]
WE#
OE#
FX3S
HOST
Processor
West Bridge
Benicia
CLK
CE#
ADV#
A[0:7]/DQ[0:15]
WE#
OE#
RDY
FX3S
HOST
PROCESSOR
WEST BRIDGE
BENICIA
CLK
CMD
DAT[7:0]
INT#
FX3S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com