Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC259DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC259DB
Description  8-bit addressable latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC259DB Datasheet HTML 1Page - NXP Semiconductors 74HC259DB Datasheet HTML 2Page - NXP Semiconductors 74HC259DB Datasheet HTML 3Page - NXP Semiconductors 74HC259DB Datasheet HTML 4Page - NXP Semiconductors 74HC259DB Datasheet HTML 5Page - NXP Semiconductors 74HC259DB Datasheet HTML 6Page - NXP Semiconductors 74HC259DB Datasheet HTML 7Page - NXP Semiconductors 74HC259DB Datasheet HTML 8Page - NXP Semiconductors 74HC259DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
5 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
[1]
H = HIGH voltage level; L = LOW voltage level.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
Ptot derates linearly with 12 mW/K above 70 C.
[3]
Ptot derates linearly with 8 mW/K above 70 C.
[4]
Ptot derates linearly with 5.5 mW/K above 60 C.
[5]
Ptot derates linearly with 4.5 mW/K above 60 C.
Table 4.
Operating mode select table[1]
LE
MR
Mode
L
H
Addressable latch mode
H
H
Memory mode
L
L
Demultiplexer mode
HL
Reset mode
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO > VCC + 0.5 V
[1] -
20
mA
IO
output current
VO = 0.5 V to VCC +0.5 V
-
25
mA
ICC
supply current
-
+70
mA
IGND
ground current
70
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
DIP16 package
[2] -
750
mW
SO16 package
[3] -
500
mW
(T)SSOP16 package
[4] -
500
mW
DHVQFN16 package
[5] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com