Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC259DB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC259DB
Description  8-bit addressable latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259DB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC259DB Datasheet HTML 6Page - NXP Semiconductors 74HC259DB Datasheet HTML 7Page - NXP Semiconductors 74HC259DB Datasheet HTML 8Page - NXP Semiconductors 74HC259DB Datasheet HTML 9Page - NXP Semiconductors 74HC259DB Datasheet HTML 10Page - NXP Semiconductors 74HC259DB Datasheet HTML 11Page - NXP Semiconductors 74HC259DB Datasheet HTML 12Page - NXP Semiconductors 74HC259DB Datasheet HTML 13Page - NXP Semiconductors 74HC259DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
10 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC =5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTHL and tTLH.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
11. Waveforms
tsu
set-up time
D, An to LE;
see Figure 10 and
Figure 11
VCC = 4.5 V
17
10
-
21
-
26
-
ns
th
hold time
D to LE; see Figure 10
and Figure 11
VCC = 4.5 V
0
8-
0
-
0
-
ns
An to LE; see Figure 10
and Figure 11
VCC = 4.5 V
0
4-
0
-
0
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI =GND to VCC  1.5 V
[4]
-19
-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Data input to output propagation delays
001aah123
D input
Qn output
tPHL
tPLH
GND
VCC
VM
VM
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com