Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC259DB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC259DB
Description  8-bit addressable latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259DB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC259DB Datasheet HTML 8Page - NXP Semiconductors 74HC259DB Datasheet HTML 9Page - NXP Semiconductors 74HC259DB Datasheet HTML 10Page - NXP Semiconductors 74HC259DB Datasheet HTML 11Page - NXP Semiconductors 74HC259DB Datasheet HTML 12Page - NXP Semiconductors 74HC259DB Datasheet HTML 13Page - NXP Semiconductors 74HC259DB Datasheet HTML 14Page - NXP Semiconductors 74HC259DB Datasheet HTML 15Page - NXP Semiconductors 74HC259DB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
12 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 10. Data input to latch enable input set-up and hold times
001aah125
GND
GND
th
tsu
th
tsu
VM
VM
VM
VCC
VOH
VOL
VCC
Qn output
Q = D
Q = D
LE input
D input
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 11. Address input to latch enable input set-up and hold times
001aah126
VM
ADDRESS STABLE
VM
th
tsu
VCC
GND
VCC
GND
LE input
An input
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC259
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT259
1.3 V
1.3 V
0.1VCC
0.9VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com