Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC259DB Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC259DB
Description  8-bit addressable latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259DB Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC259DB Datasheet HTML 10Page - NXP Semiconductors 74HC259DB Datasheet HTML 11Page - NXP Semiconductors 74HC259DB Datasheet HTML 12Page - NXP Semiconductors 74HC259DB Datasheet HTML 13Page - NXP Semiconductors 74HC259DB Datasheet HTML 14Page - NXP Semiconductors 74HC259DB Datasheet HTML 15Page - NXP Semiconductors 74HC259DB Datasheet HTML 16Page - NXP Semiconductors 74HC259DB Datasheet HTML 17Page - NXP Semiconductors 74HC259DB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
14 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
12. Package outline
Fig 13. Package outline SOT38-4 (DIP16)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT38-4
95-01-14
03-02-13
MH
c
(e )
1
ME
A
L
A1
w M
b1
b2
e
D
A2
Z
16
1
9
8
E
pin 1 index
b
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
19.50
18.55
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
0.76
4.2
0.51
3.2
inches
0.068
0.051
0.021
0.015
0.014
0.009
1.25
0.85
0.049
0.033
0.77
0.73
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.03
0.17
0.02
0.13
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com