Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25101CSDX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101CSDX/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101CSDX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM25101CSDX/NOPB Datasheet HTML 6Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 9Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 10Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 13Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
7
8
9
10
11
12
13
14
15
VDD (V)
0.10
0.15
0.35
0.20
0.25
0.30
LM25101B
LM25101A
IOUT = 100 mA
LM25101C
LM25101A, LM25101B, LM25101C
SNVS859B – JULY 2012 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
LO & HO Gate Drive - Output Low Voltage
vs
VDD
Figure 19.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com