Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25101CSDX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101CSDX/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101CSDX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM25101CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 13Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 14Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 15Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 16Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 17Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 18Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Jun-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM25101AM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L25101
AM
LM25101AMR/NOPB
ACTIVE
SO PowerPAD
DDA
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L25101
AMR
LM25101AMRX/NOPB
ACTIVE
SO PowerPAD
DDA
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L25101
AMR
LM25101AMX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L25101
AM
LM25101ASD-1/NOPB
ACTIVE
WSON
NGT
8
1000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
25101A1
LM25101ASD/NOPB
ACTIVE
WSON
DPR
10
1000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
25101A
LM25101ASDX-1/NOPB
ACTIVE
WSON
NGT
8
4500
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
25101A1
LM25101ASDX/NOPB
ACTIVE
WSON
DPR
10
4500
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
25101A
LM25101BMA/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L25101
BMA
LM25101BMAX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L25101
BMA
LM25101BSD/NOPB
ACTIVE
WSON
DPR
10
1000
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
25101B
LM25101BSDX/NOPB
ACTIVE
WSON
DPR
10
4500
Green (RoHS
& no Sb/Br)
SN
Level-1-260C-UNLIM
-40 to 125
25101B
LM25101CMA/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L25101
CMA
LM25101CMAX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L25101
CMA
LM25101CMY/NOPB
ACTIVE
MSOP-
PowerPAD
DGN
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
CMYN
LM25101CMYE/NOPB
ACTIVE
MSOP-
PowerPAD
DGN
8
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
CMYN
LM25101CMYX/NOPB
ACTIVE
MSOP-
PowerPAD
DGN
8
3500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
CMYN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com