Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25101CSDX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101CSDX/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101CSDX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25101CSDX/NOPB Datasheet HTML 9Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 10Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 13Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 14Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 15Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 16Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
1
10
100
1000
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
CL = 4400 pF
CL = 0 pF
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
The bootstrap diode power loss is the sum of the forward bias power loss that occurs while charging the
bootstrap capacitor and the reverse bias power loss that occurs during reverse recovery. Since each of these
events happens once per cycle, the diode power loss is proportional to frequency. Larger capacitive loads
require more energy to recharge the bootstrap capacitor resulting in more losses. Higher input voltages (VIN) to
the half bridge result in higher reverse recovery losses. Figure 23 was generated based on calculations and lab
measurements of the diode recovery time and current under several operating conditions. This can be useful for
approximating the diode power dissipation.
The total IC power dissipation can be estimated from the previous plots by summing the gate drive losses with
the bootstrap diode losses for the intended application.
Figure 23. Diode Power Dissipation VIN = 50V
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com