Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25101CSDX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101CSDX/NOPB
Description  LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25101CSDX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM25101CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 9Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 10Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 13Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 14Page - Texas Instruments LM25101CSDX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LI
HI
tHPLH
tLPLH
tHPHL
tLPHL
LO
HO
LI
HI
tMOFF
tMON
LO
HO
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
TIMING DIAGRAM
Figure 20.
Layout Considerations
The optimum performance of high and low-side gate drivers cannot be achieved without taking due
considerations during circuit board layout. Following points are emphasized.
1. Low ESR / ESL capacitors must be connected close to the IC, between VDD and VSS pins and between the
HB and HS pins to support the high peak currents being drawn from VDD during turn-on of the external
MOSFET.
2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor must be
connected between MOSFET drain and ground (VSS).
3. In order to avoid large negative transients on the switch node (HS pin), the parasitic inductances in the
source of top MOSFET and in the drain of the bottom MOSFET (synchronous rectifier) must be minimized.
4. Grounding Considerations:
(a) The first priority in designing grounding connections is to confine the high peak currents that charge and
discharge the MOSFET gate into a minimal physical area. This will decrease the loop inductance and
minimize noise issues on the gate terminal of the MOSFET. The MOSFETs should be placed as close as
possible to the gate driver.
(b)
The second high current path includes the bootstrap capacitor, the bootstrap diode, the local ground
referenced bypass capacitor and low-side MOSFET body diode. The bootstrap capacitor is recharged on
a cycle-by-cycle basis through the bootstrap diode from the ground referenced VDD bypass capacitor.
The recharging occurs in a short time interval and involves high peak current. Minimizing this loop length
and area on the circuit board is important to ensure reliable operation.
A recommended layout pattern for the driver is shown in Figure 21. If possible a single layer placement is
preferred.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25101A LM25101B LM25101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com