Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8PS-16B Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 23Page - Omron Electronics LLC H8PS-16B Datasheet HTML 24Page - Omron Electronics LLC H8PS-16B Datasheet HTML 25Page - Omron Electronics LLC H8PS-16B Datasheet HTML 26Page - Omron Electronics LLC H8PS-16B Datasheet HTML 27Page - Omron Electronics LLC H8PS-16B Datasheet HTML 28Page - Omron Electronics LLC H8PS-16B Datasheet HTML 29Page - Omron Electronics LLC H8PS-16B Datasheet HTML 30Page - Omron Electronics LLC H8PS-16B Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
H8PS
27
Advance Angle Compensation (ADV)
Function
The advance angle compensation function automatically advances
the ON/OFF angle of cam outputs in proportion to machine
(encoder) speed. As the speed of the machine increases, the system
can be affected by the delay in outputs. If the ADV function is used,
the output delay caused by higher speeds is automatically
compensated.
As shown in the following diagram, ADV function is used to linearly
compensate outputs according to the speed based on the ADV value
setting for a specific speed.
Example: ADV Value Set to 2
° at 100 r/min
ADV value can be set independently for cams 1 to 7 (7 total). For the
ADV function, the speed and the amount of angle compensation are
set. If “- - -” is displayed for any setting, the ADV function is disabled.
The setting ranges are given in the following table.
Note: Default settings are shown in reverse type.
The maximum response speed will decrease as shown in the
following table when ADV values are set for 4 cams or more.
Note: Even if the ADV value is set to 0°, the cam must be included in
the number of cams with ADV settings.
1. Set the mode switch to PRGM or TEST.
2. Set cam number 4 with the CAM Keys
. (See note.)
3. Press the
Key to move to the ADV function setting display
and confirm that “ADV” is displayed.
Setting Display
7. Press the
Key after finishing setting the ADV function. The
previous display in Programming or Test Mode will be resumed.
Note: If the bank function is being used, set the bank number before
setting the cam number.
Encoder
Speed
ADV value
Resolution Display angle
256
256
“
”, 1 to 1,600
“
”, 0 to 255
256
360
“
”, 1 to 1,600
“
”, 0 to 359
360
---
“
”, 1 to 1,600
“
”, 0 to 359
720
---
“
”, 1 to 800
“
”, 0 to 359.5
Number of cams
with ADV settings
Encoder resolution
Max. response
speed
0 to 3
256/360
1,600r/min
720
800r/min
4 to 7
256/360
1,200r/min
720
600r/min
Amount of angle compensation
100
0
Speed (r/min)
Note: The maximum amount of angle compensation is 360
°.
ADV value
2
°
100
°
8
° advance angle
compensation
Cam program setting
180
°
92
°
172
°
At high speed
(400r/min)
- - -
- - -
- - -
- - -
- - -
- - -
- - -
- - -
Example: Setting the ADV Value to 2
° at 100 r/min for Cam 4
4. Set the speed to 100 with the
ANGLE Keys
and then
press the
Key.
5. Set the ADV value to 2 with the
ANGLE Keys
.
6. Press the
Key to write
the settings to memory.
ADV
CAM
STEP
TST
WRITE
TST
CAM
STEP
TST
CAM
STEP
WRITE
ADV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com