Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8PS-16B Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 24Page - Omron Electronics LLC H8PS-16B Datasheet HTML 25Page - Omron Electronics LLC H8PS-16B Datasheet HTML 26Page - Omron Electronics LLC H8PS-16B Datasheet HTML 27Page - Omron Electronics LLC H8PS-16B Datasheet HTML 28Page - Omron Electronics LLC H8PS-16B Datasheet HTML 29Page - Omron Electronics LLC H8PS-16B Datasheet HTML 30Page - Omron Electronics LLC H8PS-16B Datasheet HTML 31Page - Omron Electronics LLC H8PS-16B Datasheet HTML 32Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
H8PS
29
Step Number Limit (f5)
With the H8PS, up to 10 steps can be set to turn the output ON/OFF
10 times for each cam. The number of steps that can be set,
however, can be restricted to prevent programming from being added
through operating mistakes. Settings can be made for all cams at
once or each cam individually. The default setting for the Step
Number Limit is 10 steps for all cams.
The maximum number of steps to be set is set using the F5 menu in
the Function Setting Mode.
Display for Collective Settings
The cam number can be set to a on the setting display to set all
cams at once. If the number of steps is displayed as “---” when the
cam number is a, the collective settings for all cams are disabled.
The maximum number of steps to be set is set using the F5 menu in
the Function Setting Mode.
Display for Individual Settings
Cam Protection (f6)
Cam programs can be write-protected. Use this setting to protect the
programs for only specific cam numbers. Protected cam numbers will
not be displayed in Programming Mode or Test Mode. Writing or
changing programs will not be possible. Protected cam numbers will
also not be displayed in Run Mode and cannot be checked. The
default settings are for no protection for all cams.
Cam protection is set using the F6 menu in the Function Setting
Mode.
Setting Display
Bank Functions (f7/f8/f9)
The bank function is supported by 16-/32-output models. Banks
enable changing the entire cam program at once by switching bank
numbers (0 to 7).
In Run Mode or Test Mode, the start input must be turned OFF and
ON as shown in the following diagram in order to change banks.
Control the start input when changing banks.
Bank Enable/Disable (f7)
The default setting disables the bank function. To use banks, change
the setting using the F7 menu in the Function Setting Mode.
Setting Display
Bank Switching Method (f8)
The following methods can be used to switch the bank: the bank
inputs on the terminal block or the BANK Key on the front of the Cam
Positioner.
Example: Limiting the Number of Steps to 2 for All Cams
Collectively.
Set the cam number to a with the
CAM Keys
and set the
maximum number of steps to 2 with
the Angle Keys
. Press the
Key to write the setting to
memory.
Example: Limiting the Number of Steps to 1 for Cam 3.
Set the cam number to 3 with the
CAM Keys
and set the
maximum number of steps to 1 with
the Angle Keys
. Press the
Key to write the setting to
memory.
Example: Protecting Cam 3 with an 8-output Model
Set the cam number to be
protected (and not displayed) to 3
with the CAM Keys
and
then press the
Key. The
output display will go out.
PRG
CAM
STEP
WRITE
PRG
CAM
STEP
WRITE
CAM
STEP
PRG
12
45678
Not lit (protected)
WRITE
Enable or disable the bank function
with the ANGLE Keys
.
Cam Program (Bank No. 7)
Cam Program (Bank No. 2)
Cam Program (Bank No. 1)
Cam Program (Bank No. 0)
Control output
(cam number)
Step 0
Step 1
Step 9
ON angle OFF angle
145
°
90
°
135
°
225
°
270
°
315
°
20
°
90
°
135
°
180
°
---
---
32
90
°
225
°
270
°
285
°
315
°
345
°
OFF angle
OFF angle
ON angle
ON angle
Start
input
Bank 0
Bank 0
Bank 1
Bank 2
Bank 1
Bank 2
T2
T4
T1
T2
T3
Operation
ON
OFF
ON
OFF
RUN
output
Unstable region (outputs OFF)
T1: 225 ms max.
T2: 400 ms max.
T3: 20 ms min.
T4: 20 ms min.
Bank
specification
CAM
STEP
PRG
yes
no
(Enabled)
(Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com