Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8PS-16B Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 2Page - Omron Electronics LLC H8PS-16B Datasheet HTML 3Page - Omron Electronics LLC H8PS-16B Datasheet HTML 4Page - Omron Electronics LLC H8PS-16B Datasheet HTML 5Page - Omron Electronics LLC H8PS-16B Datasheet HTML 6Page - Omron Electronics LLC H8PS-16B Datasheet HTML 7Page - Omron Electronics LLC H8PS-16B Datasheet HTML 8Page - Omron Electronics LLC H8PS-16B Datasheet HTML 9Page - Omron Electronics LLC H8PS-16B Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
H8PS
6
Connections
■ Terminal Arrangement
Note: For PNP output models, the VS terminal and power supply terminals are not connected internally.
H8PS-8
@ (8-output Models)
H8PS-16
@/-32@ (16-/32-output Models)
Encoder
12345678
910 11 12 13
24 VDC
+
−
Alignment markings
(Rear view)
NPN Output,
Flush Mounting
H8PS-8
@
Encoder
6789 10 11 12 13
12345
Alignment markings
(Rear view)
24 VDC
+
−
NPN Output,
Flush Mounting
H8PS-16
@/-32@
12345678
910 11 12 13
24 VDC
+
−
Encoder
Alignment markings
(Front view)
NPN Output,
Surface Mounting
H8PS-8
@F
6789 10 11 12 13
12345
24 VDC
+
−
Encoder
Alignment markings
(Front view)
NPN Output,
Surface Mounting
H8PS-16
@F/-32@F
12345678
9 10111213
24 VDC
+
−
Encoder
Alignment markings
(Rear view)
PNP Output,
Flush Mounting
H8PS-8
@P
Note: The VS terminal
is not internally
connected to the
positive (+) power
supply terminal.
6 7 8 9 10111213
12345
24 VDC
+
−
Encoder
Alignment markings
(Rear view)
PNP Output,
Flush Mounting
H8PS-16
@P/-32@P
Note: The VS terminal
is not internally
connected to
the positive (+)
power supply
terminal.
12345678
9 10111213
24 VDC
+
−
Encoder
Alignment markings
(Front view)
PNP Output,
Surface Mounting
H8PS-8
@FP
Note: The VS terminal
is not internally
connected to the
positive (+) power
supply terminal.
6 7 8 9 10111213
12345
24 VDC
+
−
Encoder
Alignment markings
(Front view)
PNP Output,
Surface Mounting
H8PS-16
@FP/-32@FP
Note: The VS terminal
is not internally
connected to the
positive (+) power
supply terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com