Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4308 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 4 Page - Texas Instruments

  LM4308 Datasheet HTML 1Page - Texas Instruments LM4308 Datasheet HTML 2Page - Texas Instruments LM4308 Datasheet HTML 3Page - Texas Instruments LM4308 Datasheet HTML 4Page - Texas Instruments LM4308 Datasheet HTML 5Page - Texas Instruments LM4308 Datasheet HTML 6Page - Texas Instruments LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SLVS
VOD
Differential Output Voltage
100
Ω Load
140
200
270
mV
ΔVOD
Differential Output Voltage
See (3)
-10
0
10
mV
Match
VOS
Driver Offset Voltage
150
200
250
mV
ΔVOS
Driver Offset Voltage Match
See (3)
-5
0
5
mV
ROUT
Driver Output Impedance
High Output
50
Ω
Low Output
50
Ω
VOH
High Level Output Voltage
(Diff. Mode)
360
mV
RT
Receiver Differential
DD (RX) Configuration or DC (SLV) (4)
80
100
125
Ω
Termination Resistor
VIDH
Differential Input High
RX, VCM = 35mV, 200mV and 365mV
(3)
10
70
mV
Threshold
VIDL
Differential Input Low
−70
-10
mV
Threshold
VCM
Receiver Common Mode Input RX with VID = |70mV|
35
365
mV
Range
LVCMOS
VIH
Input Voltage High Level
0.7 VDDIO
VDDIO
V
VIL
Input Voltage Low Level
GND
0.3 VDDIO
V
VHY
Input Hysteresis
160
mV
IIH
Input Current High Level
LVCMOS Inputs
VIN = VDDIO
−1
0
+1
µA
CLK Input
VIN = 3.3V
0
+8
µA
VDDIO = 1.8V
(5)
CLK Input
VIN = 1.8V
−1
0
+1
µA
VDDIO = 1.8V
IIL
Input Current Low Level
−1
0
+1
µA
VOH
Output Voltage High Level
IOH = −2 mA
RDS = H
0.75 VDDIO
VDDIO
V
VDD = 1.6 V , VDDIO = 2.0 V
IOH = −2 mA
RDS = L
0.8 VDDIO
VDDIO
V
VDD = 2.0 V , VDDIO = 3.0 V
VOL
Output Voltage Low Level
IOL = 2 mA
RDS = H
VSSIO
0.2 VDDIO
V
VDD = 1.6V , VDDIO = 2.0 V
IOL = 2 mA
RDS = L
VSSIO
0.2 VDDIO
V
VDD = 2.0 V , VDDIO = 3.0 V
SUPPLY CURRENT
(1)
Typical values are given for VDDIO = 1.8V and VDD = VDDA = 1.8V and TA = 25°C.
(2)
Current into a device pin is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to Ground
unless otherwise specified.
(3)
Specification is ensured by characterization and is not tested in production.
(4)
Specification is ensured by design and is not tested in production.
(5)
When clock input is in overdrive ( Vin = 3.3 V ) and then stop clock is applied, it is recommended to set input clock to a low state.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com