Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4308 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 5Page - Texas Instruments LM4308 Datasheet HTML 6Page - Texas Instruments LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments LM4308 Datasheet HTML 10Page - Texas Instruments LM4308 Datasheet HTML 11Page - Texas Instruments LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DCP
(SE
Waveform)
Link Up
Idle
Link Off
Bus Phase
H
PD*
Active
CLK
Power
DCN
(SE
Waveform)
DC
(DIFF)
DDP
(SE
Waveform)
DDN
(SE
Waveform)
DD
(DIFF)
Idle
L
H
L
tSU
ta
tb
tc
td
te
tf
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
Table 3. Link Phases(1)
Name
DC State
DD State
Phase Description
Pre-Phase
Post-Phase
OFF (O)
GND
GND
Link is Off
A, I or LU
LU
IDLE (I)
A
H
Idle, MD(s) = Logic Low
A or LU
A or O
ACTIVE (A),
A
X
Write Payloads
LU, A, or I
A, I, or O
Write
ACTIVE,
Read Command
A
X
Read Command
A, or I
Read
(MST)
TA’
A
HUH
MD Turn Around
RC
RD
Read Data
A
X
Read Payload
TA’
TA"
(SLV)
TA"
A
HUH
MD Turn Around
RD
I
LINK-UP
Master
*
*
Start Up
O
A, I, or O
(LU)
(1)
Notes on DC/DD Line State:
0 = no current (off)
SERIAL BUS START UP TIMING
The DC and DD lines are held at a LVCMOS Low state in the Sleep state (PD* = L). When the PD* signal is
switched to a High state the DC lines are pulsed. Next the DC lines are driven to the differential levels and the
clock signal is active. The DD lines are then pulsed from a LVCMOS Low state, then driven to a valid differential
static High state. Data transmission (WRITE) starts with a valid Low start bit on the DD signal.
Figure 6. Serial Bus Power Up Timing
Actual start up time is clock rate dependant. The 1024 CLK counter encompasses both the SLVS start up delay
and PLL Lock Time. At 19.2MHz operation, the link is ready for transmission after only 54 µs. Do not WRITE to
either display before the serial link start up delay has expired.
Table 4. Start Up Time vs. CLK Frequency
CLK FREQ
Start Up Delay
9.6MHz
106.7 µs
19.2MHz
53.3 µs
30MHz
34.13 µs
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com