Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF18NM60N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF18NM60N
Description  N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF18NM60N Datasheet HTML 3Page - STMicroelectronics STF18NM60N Datasheet HTML 4Page - STMicroelectronics STF18NM60N Datasheet HTML 5Page - STMicroelectronics STF18NM60N Datasheet HTML 6Page - STMicroelectronics STF18NM60N Datasheet HTML 7Page - STMicroelectronics STF18NM60N Datasheet HTML 8Page - STMicroelectronics STF18NM60N Datasheet HTML 9Page - STMicroelectronics STF18NM60N Datasheet HTML 10Page - STMicroelectronics STF18NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STB18NM60N, STF18NM60N, STP18NM60N, STW18NM60N
Electrical characteristics
Doc ID 15868 Rev 4
7/21
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Static drain-source on resistance
Figure 11.
Gate charge vs gate-source voltage
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
12
8
4
0
0
8
VDS(V)
16
(A)
412
16
24
5V
6V
4V
VGS=10V
7V
20
20
AM05528v1
ID
0
0
VGS(V)
(A)
VDS=19V
12
8
4
16
24
20
4
8
26
10
AM05529v1
RDS(on)
0.23
0.22
0.21
0.20
0
4
ID(A)
(
Ω)
2
6
0.24
0.25
0.26
0.27
8
10
12
0.28
VGS = 10 V
AM05530v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=480V
ID=13A
12
300
200
100
0
400
500
VDS
VDS
(V)
AM05531v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM05532v1
Eoss
3
2
1
0
0
100
VDS(V)
(µJ)
400
4
200 300
5
6
500
600
7
AM05533v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com